Electronic Components Datasheet Search
  English  ▼

X  

LPC4350 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # LPC4350
Description  32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet; two High-speed USBs; advanced configurable peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4350 Datasheet(HTML) 5 Page - NXP Semiconductors

  LPC4350_13 Datasheet HTML 1Page - NXP Semiconductors LPC4350_13 Datasheet HTML 2Page - NXP Semiconductors LPC4350_13 Datasheet HTML 3Page - NXP Semiconductors LPC4350_13 Datasheet HTML 4Page - NXP Semiconductors LPC4350_13 Datasheet HTML 5Page - NXP Semiconductors LPC4350_13 Datasheet HTML 6Page - NXP Semiconductors LPC4350_13 Datasheet HTML 7Page - NXP Semiconductors LPC4350_13 Datasheet HTML 8Page - NXP Semiconductors LPC4350_13 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 153 page
background image
LPC4350_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 4 — 26 March 2013
5 of 153
NXP Semiconductors
LPC4350/30/20/10
32-bit ARM Cortex-M4/M0 microcontroller
4.
Ordering information
4.1 Ordering options
Table 1.
Ordering information
Type number
Package
Name
Description
Version
LPC4350FET256
LBGA256
Plastic low profile ball grid array package; 256 balls; body 17
 17  1 mm
SOT740-2
LPC4350FET180
TFBGA180 Thin fine-pitch ball grid array package; 180 balls
SOT570-3
LPC4350FBD208
LQFP208
Plastic low profile quad flat package; 208 leads; body 28
 28  1.4 mm
SOT459-1
LPC4330FET256
LBGA256
Plastic low profile ball grid array package; 256 balls; body 17
 17  1 mm
SOT740-2
LPC4330FET180
TFBGA180 Thin fine-pitch ball grid array package; 180 balls
SOT570-3
LPC4330FET100
TFBGA100 Plastic thin fine-pitch ball grid array package; 100 balls; body 9
 9  0.7 mm
SOT926-1
LPC4330FBD144
LQFP144
Plastic low profile quad flat package; 144 leads; body 20
 20  1.4 mm
SOT486-1
LPC4320FET100
TFBGA100 Plastic thin fine-pitch ball grid array package; 100 balls; body 9
 9  0.7 mm
SOT926-1
LPC4320FBD144
LQFP144
Plastic low profile quad flat package; 144 leads; body 20
 20  1.4 mm
SOT486-1
LPC4310FET100
TFBGA100 Plastic thin fine-pitch ball grid array package; 100 balls; body 9
 9  0.7 mm
SOT926-1
LPC4310FBD144
LQFP144
Plastic low profile quad flat package; 144 leads; body 20
 20  1.4 mm
SOT486-1
Table 2.
Ordering options
Type number
Total
SRAM
LCD Ethernet
USB0
(Host,
Device,
OTG)
USB1
(Host,
Device)/
ULPI
interface
ADC
channels
PWM
QEI
GPIO
Package
LPC4350FET256
264 kB
yes
yes
yes
yes/yes
8
yes
yes
164
LBGA256
LPC4350FET180
264 kB
yes
yes
yes
yes/yes
8
yes
yes
118
TFBGA180
LPC4350FBD208
264 kB
yes
yes
yes
yes/yes
8
yes
yes
142
LQFP208
LPC4330FET256
264 kB
no
yes
yes
yes/yes
8
yes
yes
164
LBGA256
LPC4330FET180
264 kB
no
yes
yes
yes/yes
8
yes
yes
118
TFBGA180
LPC4330FET100
264 kB
no
yes
yes
yes/no
4
no
no
49
TFBGA100
LPC4330FBD144
264 kB
no
yes
yes
yes/no
8
yes
no
83
LQFP144
LPC4320FET100
200 kB
no
no
yes
no
4
no
no
49
TFBGA100
LPC4320FBD144
200 kB
no
no
yes
no
8
yes
no
83
LQFP144
LPC4310FET100
168 kB
no
no
no
no
4
no
no
49
TFBGA100
LPC4310FBD144
168 kB
no
no
no
no
8
yes
no
83
LQFP144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com