Electronic Components Datasheet Search
  English  ▼

X  

LPC4350 Datasheet(PDF) 56 Page - NXP Semiconductors

Part # LPC4350
Description  32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet; two High-speed USBs; advanced configurable peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4350 Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button LPC4350_13 Datasheet HTML 52Page - NXP Semiconductors LPC4350_13 Datasheet HTML 53Page - NXP Semiconductors LPC4350_13 Datasheet HTML 54Page - NXP Semiconductors LPC4350_13 Datasheet HTML 55Page - NXP Semiconductors LPC4350_13 Datasheet HTML 56Page - NXP Semiconductors LPC4350_13 Datasheet HTML 57Page - NXP Semiconductors LPC4350_13 Datasheet HTML 58Page - NXP Semiconductors LPC4350_13 Datasheet HTML 59Page - NXP Semiconductors LPC4350_13 Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 153 page
background image
LPC4350_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 4 — 26 March 2013
56 of 153
NXP Semiconductors
LPC4350/30/20/10
32-bit ARM Cortex-M4/M0 microcontroller
PF_9
D6
-
-
203 -
[5]
N;
PU
-
R — Function reserved.
I/O
U0_DIR — RS-485/EIA-485 output enable/direction
control for USART0.
O
CTOUT_1 — SCT output 1. Match output 3 of timer 3.
-
R — Function reserved.
I/O
GPIO7[23] — General purpose digital input/output pin.
-
R — Function reserved.
I/O
SGPIO3 — General purpose digital input/output pin.
-
R — Function reserved.
AI
ADC1_2 — ADC1 and ADC0, input channel 2. Configure
the pin as GPIO input and use the ADC function select
register in the SCU to select the ADC.
PF_10
A3
-
-
205 -
[5]
N;
PU
-
R — Function reserved.
O
U0_TXD — Transmitter output for USART0.
-
R — Function reserved.
-
R — Function reserved.
I/O
GPIO7[24] — General purpose digital input/output pin.
-
R — Function reserved.
I
SD_WP — SD/MMC card write protect input.
-
R — Function reserved.
AI
ADC0_5 — ADC0 and ADC1, input channel 5. Configure
the pin as GPIO input and use the ADC function select
register in the SCU to select the ADC.
PF_11
A2
-
-
207 -
[5]
N;
PU
-
R — Function reserved.
I
U0_RXD — Receiver input for USART0.
-
R — Function reserved.
-
R — Function reserved.
I/O
GPIO7[25] — General purpose digital input/output pin.
-
R — Function reserved.
O
SD_VOLT2 — SD/MMC bus voltage select output 2.
-
R — Function reserved.
AI
ADC1_5 — ADC1 and ADC0, input channel 5. Configure
the pin as GPIO input and use the ADC function select
register in the SCU to select the ADC.
Table 3.
Pin description …continued
LCD, Ethernet, USB0, and USB1 functions are not available on all parts. See Table 2.
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com