Electronic Components Datasheet Search
  English  ▼

X  

LPC4350 Datasheet(PDF) 85 Page - NXP Semiconductors

Part # LPC4350
Description  32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet; two High-speed USBs; advanced configurable peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4350 Datasheet(HTML) 85 Page - NXP Semiconductors

Back Button LPC4350_13 Datasheet HTML 81Page - NXP Semiconductors LPC4350_13 Datasheet HTML 82Page - NXP Semiconductors LPC4350_13 Datasheet HTML 83Page - NXP Semiconductors LPC4350_13 Datasheet HTML 84Page - NXP Semiconductors LPC4350_13 Datasheet HTML 85Page - NXP Semiconductors LPC4350_13 Datasheet HTML 86Page - NXP Semiconductors LPC4350_13 Datasheet HTML 87Page - NXP Semiconductors LPC4350_13 Datasheet HTML 88Page - NXP Semiconductors LPC4350_13 Datasheet HTML 89Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 153 page
background image
LPC4350_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 4 — 26 March 2013
85 of 153
NXP Semiconductors
LPC4350/30/20/10
32-bit ARM Cortex-M4/M0 microcontroller
Active mode and sleep mode apply to the state of the core. In a dual-core system, either
core can be in active or sleep mode independently of the other core.
If the core is in Active mode, it is fully operational and can access peripherals and
memories as configured by software. If the core is in Sleep mode, it receives no clocks,
but peripherals and memories remain running.
Either core can enter sleep mode from active mode independently of the other core and
while the other core remains in active mode or is in sleep mode.
Power-down modes apply to the entire system. In the Power-down modes, both cores and
all peripherals except for peripherals in the always-on power domain are shut down.
Memories can remain powered for retaining memory contents as defined by the individual
power-down mode.
Either core in active mode can put the part into one of the three power down modes if the
core is enabled to do so. If both cores are enabled for putting the system into power-down,
then the system enters power-down only once both cores have received a WFI or WFE
instruction.
Wake-up from sleep mode is caused by an interrupt or event in the core’s NVIC. The
interrupt is captured in the NVIC and an event is captured in the Event router. Both cores
can wake up from sleep mode independently of each other.
Wake-up from the Power-down modes, Deep-sleep, Power-down, and Deep power-down,
is caused by an event on the WAKEUP pins or an event from the RTC or alarm timer.
When waking up from Deep power-down mode, the part resets and attempts to boot.
7.23 Serial Wire Debug/JTAG
Debug and trace functions are integrated into the ARM Cortex-M4. Serial wire debug and
trace functions are supported in addition to a standard JTAG debug and parallel trace
functions. The ARM Cortex-M4 is configured to support up to eight breakpoints and four
watch points.
Remark: Serial Wire Debug is supported for the ARM Cortex-M4 only,
The ARM Cortex-M0 coprocessor supports JTAG debug. A standard ARM
Cortex-compliant debugger can debug the ARM Cortex-M4 and the ARM Cortex-M0
cores separately or both cores simultaneously.
Remark: In order to debug the ARM Cortex-M0, release the M0 reset by software in the
RGU block.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com