Electronic Components Datasheet Search
  English  ▼

X  

LPC4350 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # LPC4350
Description  32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet; two High-speed USBs; advanced configurable peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4350 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button LPC4350_13 Datasheet HTML 32Page - NXP Semiconductors LPC4350_13 Datasheet HTML 33Page - NXP Semiconductors LPC4350_13 Datasheet HTML 34Page - NXP Semiconductors LPC4350_13 Datasheet HTML 35Page - NXP Semiconductors LPC4350_13 Datasheet HTML 36Page - NXP Semiconductors LPC4350_13 Datasheet HTML 37Page - NXP Semiconductors LPC4350_13 Datasheet HTML 38Page - NXP Semiconductors LPC4350_13 Datasheet HTML 39Page - NXP Semiconductors LPC4350_13 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 153 page
background image
LPC4350_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 4 — 26 March 2013
36 of 153
NXP Semiconductors
LPC4350/30/20/10
32-bit ARM Cortex-M4/M0 microcontroller
P8_8
L1
K1
-
49
-
[2]
N;
PU
-
R — Function reserved.
I
USB1_ULPI_CLK — ULPI link CLK signal. 60 MHz clock
generated by the PHY.
-
R — Function reserved.
-
R — Function reserved.
-
R — Function reserved.
-
R — Function reserved.
O
CGU_OUT0 — CGU spare clock output 0.
O
I2S1_TX_MCLK — I2S1 transmit master clock.
P9_0
T1
P1
-
59
-
[2]
N;
PU
I/O
GPIO4[12] — General purpose digital input/output pin.
O
MCABORT — Motor control PWM, LOW-active fast abort.
-
R — Function reserved.
-
R — Function reserved.
-
R — Function reserved.
I
ENET_CRS — Ethernet Carrier Sense (MII interface).
I/O
SGPIO0 — General purpose digital input/output pin.
I/O
SSP0_SSEL — Slave Select for SSP0.
P9_1
N6
P4
-
66
-
[2]
N;
PU
I/O
GPIO4[13] — General purpose digital input/output pin.
O
MCOA2 — Motor control PWM channel 2, output A.
-
R — Function reserved.
-
R — Function reserved.
I/O
I2S0_TX_WS — Transmit Word Select. It is driven by the
master and received by the slave. Corresponds to the
signal WS in the I2S-bus specification.
I
ENET_RX_ER — Ethernet receive error (MII interface).
I/O
SGPIO1 — General purpose digital input/output pin.
I/O
SSP0_MISO — Master In Slave Out for SSP0.
P9_2
N8
M6
-
70
-
[2]
N;
PU
I/O
GPIO4[14] — General purpose digital input/output pin.
O
MCOB2 — Motor control PWM channel 2, output B.
-
R — Function reserved.
-
R — Function reserved.
I/O
I2S0_TX_SDA — I2S transmit data. It is driven by the
transmitter and read by the receiver. Corresponds to the
signal SD in the I2S-bus specification.
I
ENET_RXD3 — Ethernet receive data 3 (MII interface).
I/O
SGPIO2 — General purpose digital input/output pin.
I/O
SSP0_MOSI — Master Out Slave in for SSP0.
Table 3.
Pin description …continued
LCD, Ethernet, USB0, and USB1 functions are not available on all parts. See Table 2.
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com