Electronic Components Datasheet Search
  English  ▼

X  

PAM8803 Datasheet(PDF) 3 Page - Power Analog Micoelectronics

Part # PAM8803
Description  3W Filterless Stereo Class-D Audio Amplifier with Digital Volume Control
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8803 Datasheet(HTML) 3 Page - Power Analog Micoelectronics

  PAM8803 Datasheet HTML 1Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 2Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 3Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 4Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Pin Descriptions
3
Absolute Maximum Ratings
These are stress ratings only and functional operation is not implied
Exposure to absolute
maximum ratings for prolonged time periods may affect device reliability
All voltages are with
respect to ground
.
.
.
Supply Voltage at no Input Signal...................6.0V
Input Voltage.............................-0.3V to V +0.3V
Storage Temperature.....................-65
to 150
Soldering Temperature.......................
DD
Maximum Junction Temperature..................150°C
°C
°C
300°C, 5sec
Pin Number
Pin Name
Description
1
-OUT_L
Left Channel Negative Output
2
PGND
Power GND
3
PGND
Power GND
4
+OUT_L
Left Channel Positive Output
5
PVDD
Power VDD
6
MUTE
Mute Control Input
(active low), pull-up
7
VDD
Analog VDD
8
INL
Left Channel Input
9
NC
No Connect
10
VREF
Internal analog reference, connect a bypass capacitor from
VREF to GND
11
NC
No Connect
12
NC
No Connect
13
DN
Volume down Control (active low)
14
UP
Volume up Control (active low)
15
RST
Volume Controller Reset (active low)
16
NC
No Connect
17
INR
Right Channel Input
18
GND
Analog GND
19
SHDN
Shutdown Control Input(active low), pull-down
20
PVDD
Power VDD
21
+OUT_R
Right Channel Positive Output
22
PGND
Power GND
23
PGND
Power GND
24
-OUT_R
Right Channel Negative Output
,
Power Analog Microelectronics Inc
www.poweranalog.com
PAM8803
3W Filterless Stereo Class-D Audio Amplifier
with Digital Volume Control
Recommended Operating Conditions
Supply voltage Range........................
Ambient Temperature Range...........-40°
to 85
Junction Temperature Range.........-40
to 125
2.2V to 5.5V
C
°C
°C
°C
12/2009 Rev 1.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com