Electronic Components Datasheet Search
  English  ▼

X  

PAM8803 Datasheet(PDF) 7 Page - Power Analog Micoelectronics

Part # PAM8803
Description  3W Filterless Stereo Class-D Audio Amplifier with Digital Volume Control
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8803 Datasheet(HTML) 7 Page - Power Analog Micoelectronics

Back Button PAM8803 Datasheet HTML 3Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 4Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 9Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 10Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 11Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
Gain Setting (V =5V)
DD
*Power on gain or gain after reset.
Gain could have 1dB deviation device to device.
Note:
Typical Operating Characteristics (continued)
13. Output Power vs Power Supply
R=4
L
Ω
,
Power Analog Microelectronics Inc
www.poweranalog.com
PAM8803
3W Filterless Stereo Class-D Audio Amplifier
with Digital Volume Control
0
0.5
1
1.5
2
2.5
3
3.5
4
23456
Supply Voltage (V)
10%ΤΗD
1%ΤΗD
0
0.5
1
1.5
2
2.5
23456
Supply Voltage (V)
14. Output Power vs Power Supply
R=8
L
Ω
10%ΤΗD
1%ΤΗD
Step
Gain (dB)
Step
Gain (dB)
Step
Gain (dB)
Step
Gain (dB)
1
-75.0
17
4.8
33
11.2
49
17.6
2
-39.7
18
5.1
34
11.6
50
18.0
3
-34.0
19
5.5
35
12.0
51
18.4
4
-28.2
20
5.9
36
12.3
52
18.8
5
-22.4
21
6.3
37
12.7
53
19.2
6
-16.5
22
6.7
38
13.2
54
19.6
7
-10.5
23
7.1
39
13.6
55
20.0
8
-8.0
24
7.5
40
14.0
56
20.4
9
-5.5
25
7.9
41
14.4
57
20.9
10
-2.9
26
8.3
42
14.8
58
21.3
11
-0.4
27
8.7
43
15.2
59
21.7
12
1.1
28
9.1
44
15.6
60
22.1
13
2.6*
29
9.6
45
16.0
61
22.5
14
3.6
3010.0
4616.4
6222.9
15
4.0
3110.4
4716.8
6323.4
16
4.4
3210.7
4817.2
6423.8
12/2009 Rev 1.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com