Electronic Components Datasheet Search
  English  ▼

X  

PAM8803 Datasheet(PDF) 6 Page - Power Analog Micoelectronics

Part # PAM8803
Description  3W Filterless Stereo Class-D Audio Amplifier with Digital Volume Control
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8803 Datasheet(HTML) 6 Page - Power Analog Micoelectronics

Back Button PAM8803 Datasheet HTML 2Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 3Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 4Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 9Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 10Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
Typical Operating Characteristics (continued)
11. FFT of Noise Output
-150
+0
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
V
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
V =5V, Gain = 18dB
DD
12.Channel Separation
V =5V,R =4 ,P =1.0W,Gain=18dB
DD
L
O
Ω
-110
-40
-100
-90
-80
-70
-60
-50
d
B
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
RtoL
Lto R
9. Frequency response
V =5V, Gain =18dB
DD
10. Power Supply Ripple Rejection VS Frequency
-70
+20
-60
-50
-40
-30
-20
-10
+0
+10
d
B
10
20k
20
50
100
200
5001k
2k
5k
10k
Hz
V =5V with 200mVpp Ripple
DD
+15
+35
+20
+25
+30
d
B
r
2020k
501002005001k2k5k10k
Hz
Hz
7. THD+N vs. Frequency
Po=0.1W,R =8
Gain=18dB
L
Ω,
Po=0.8W,R =4
Gain=18dB
L
Ω,
0.01
100
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
50
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
V=5V
DD
V =3.3V
DD
8. THD+N vs. Frequency
0.01
100
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
50
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
V=5V
DD
V =3.3V
DD
,
Power Analog Microelectronics Inc
www.poweranalog.com
PAM8803
3W Filterless Stereo Class-D Audio Amplifier
with Digital Volume Control
12/2009 Rev 1.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com