Electronic Components Datasheet Search
  English  ▼

X  

PAM8803 Datasheet(PDF) 5 Page - Power Analog Micoelectronics

Part # PAM8803
Description  3W Filterless Stereo Class-D Audio Amplifier with Digital Volume Control
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8803 Datasheet(HTML) 5 Page - Power Analog Micoelectronics

  PAM8803 Datasheet HTML 1Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 2Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 3Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 4Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
Typical Operating Characteristics (T =25°C)
A
3. THD+N vs Output Power
V =5V,R =4 ,Gain=18dB
DD
L
Ω
4. THD+N vs Output Power
V =5V,R =8 ,Gain=18dB
DD
L
Ω
0.01
100
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
50
%
20m
4
50m
100m
200m500m1
2
W
f=100Hz
f=10kHz
f=1kHz
0.01
100
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
50
%
20m
4
50m
100m
200m
500m
1
2
W
f=100Hz
f=10kHz
f=1kHz
5. THD+N vs Frequency
V =5V,R =4 ,Gain=18dB
DD
L
Ω
0.01
100
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
50
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
Po=2W
Po=1.5W
Po=2W
6. THD+N vs Frequency
V =5V,R =8 ,Gain=18dB
DD
L
Ω
0.01
100
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
50
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
Po=2W
Po=0.5W
Po=1W
,
Power Analog Microelectronics Inc
1. THD+N vs Output Power
R =4 , Gain = 18dB
L
Ω
2. THD+N vs Output Power
R =8 , Gain = 18dB
L
Ω
www.poweranalog.com
0.01
30
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
%
10m
4
20m
50m
100m
200m
500m
1
2
W
V =2.5V
DD
V =3.6V
DD
V=5V
DD
0.01
30
0.02
0.05
0.1
0.2
0.5
1
2
5
10
%
10m
4
20m
50m
100m
200m
500m
1
2
W
V =2.5V
DD
V =3.6V
DD
V=5V
DD
PAM8803
3W Filterless Stereo Class-D Audio Amplifier
with Digital Volume Control
12/2009 Rev 1.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com