Electronic Components Datasheet Search
  English  ▼

X  

PAM8803 Datasheet(PDF) 4 Page - Power Analog Micoelectronics

Part # PAM8803
Description  3W Filterless Stereo Class-D Audio Amplifier with Digital Volume Control
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8803 Datasheet(HTML) 4 Page - Power Analog Micoelectronics

  PAM8803 Datasheet HTML 1Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 2Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 3Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 4Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Thermal Information
4
Electrical Characteristic
V =5V, Gain = 18dB, R =8
T =25
unless otherwise noted.
DD
L
A
Ω,
,
°C
Parameter
Symbol
Package
Maximum
Unit
Thermal Resistance (Junction to Ambient)
θJA
SSOP-24
96
°C/W
,
Power Analog Microelectronics Inc
PARAMETER
SYM BOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VDD
2.2
5.5
V
No Load
7
15
RL=8Ω
8
Quiescent Current
IQ
RL=4Ω
8.5
mA
Mute Current
I
MUTE
V
MUTE=0V
2.5
4
mA
Shutdown Current
I
SHDN
V
SHDN=0V
0.5
10
μA
SHDN Input High
VSH
1.2
SHDN Input Low
VSL
0.5
V
MUTE Input High
VMH
1.2
MUTE Input Low
VML
0.5
V
Output Offset Voltage
VOS
No Load
120
300
mV
P MOSFET
0.3
0.40
Drain-Source On-State
Resistance
RDS(ON)
IDS=0.5A
N MOSFET
0.22
0.35
Ω
RL= 8Ω,THD=1%
1.1
1.3
RL= 8Ω,THD=10%
1.5
1.7
RL= 4Ω,THD=1%
1.9
2.1
Output Power
PO
f=1kHz
RL= 4Ω,THD=10%
2.8
3.0
W
RL=8Ω, PO=0.5W
0.19
RL=8Ω, PO=1.0W
0.22
RL=4Ω, PO=1.0W
0.17
Total Harmonic Distortion Plus
Noise
THD+N
RL=4Ω, PO=2.0W
0.25
%
Power Supply Ripple Rejection
PSRR
No input, f=1kHz, Vpp=200mV
45
55
dB
Channel Separation
CS
PO=1W, RL=4Ω60
80
dB
Oscillator Frequency
fOSC
170
210
250
kHz
PO=1.7W, f=1kHz, RL=8Ω
85
89
%
Efficiency
η
PO=3.0W, f=1kHz, RL=4Ω
80
83
%
RL=4Ω
85
dB
Signal Noise Ratio
SNR
f =22 to 22kHz
,
THD=1%
RL=8Ω
87
dB
Under Voltage Lock-out
UVLO
1.95
V
Over Temperature Protection
OTP
150
°C
Over Temperature Hysteresis
OTH
60
°C
www.poweranalog.com
PAM8803
3W Filterless Stereo Class-D Audio Amplifier
with Digital Volume Control
12/2009 Rev 1.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com