Electronic Components Datasheet Search
  English  ▼

X  

PAM8803 Datasheet(PDF) 8 Page - Power Analog Micoelectronics

Part # PAM8803
Description  3W Filterless Stereo Class-D Audio Amplifier with Digital Volume Control
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8803 Datasheet(HTML) 8 Page - Power Analog Micoelectronics

Back Button PAM8803 Datasheet HTML 4Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 9Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 10Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 11Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 12Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
Application Notice
1
When PAM8803 works without filter, we must
connect the speaker before turn on. Else, it will
be easy to damage the chip.
2
When PAM8803 works without filter, it
will
be best that adding a ferrite chip bead at the
outgoing line of speaker in order to suppress
possible electromagnetic interference .
3
The absolute maximum rating of operation
voltage is 6.0V. While using 6V power regulator,
even the chip can deliver 4W sine wave with a 4
Ohm speaker, it is not recommended for long
term using due to the heat dissipation. But if the
input signal is a music signal, then it can work in
long term since the average power output is
much less than 4W. When using dry battery cell,
we should notice that if the battery cell is 4 new
dry batteries or alkaline batteries, even the
voltage will be over 6V, it still can work safety.
Since the output voltage of the 4 pack of new dry
batteries will be reduced very quickly after turn
on due to the internal resistance of the battery.
There is no dangerous of damaging the chip
when playing music or speech, even use 4 new
dry batteries.
To reduce the effect of the
increasing of internal resistance of battery after
long term discharging, it is recommended to
connect a 1000uF electrolytic capacitor between
the power supply and the ground.
4
Because digital volume control has big gain,
we can not make input signal too high to cause
the clipping of the output signal when increase
volume, also it may damage the chip.
.
.
.
.
Test Setup for Performance Testing
Notes
1. The AP AUX-0025 low pass filter is necessary for every class-D amplifier measurement
done by AP analyzer.
2. Two 22 H inductors are used in series with load resistor to emulate the small speaker for
efficiency and quiescent current measurement.
μ
AP System One
Generator
PAM8803 Demo Board
+OUT
Input
Load
AP
Low Pass
Filter
AUX-0025
AP System One
Analyzer
GND
-OUT
VDD
Power Supply
,
Power Analog Microelectronics Inc
www.poweranalog.com
PAM8803
3W Filterless Stereo Class-D Audio Amplifier
with Digital Volume Control
12/2009 Rev 1.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com