Electronic Components Datasheet Search
  English  ▼

X  

PAM8803 Datasheet(PDF) 10 Page - Power Analog Micoelectronics

Part # PAM8803
Description  3W Filterless Stereo Class-D Audio Amplifier with Digital Volume Control
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8803 Datasheet(HTML) 10 Page - Power Analog Micoelectronics

Back Button PAM8803 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 9Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 10Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 11Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 12Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 13Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
Power supply decoupling
Input Capacitor (C )
Analog Reference Bypass Capacitor (C
)
The PAM8803 is a high performance CMOS
audio amplifier that requires adequate power
supply decoupling to ensure the output THD and
PSRR are as low as possible. Power supply
decoupling is affecting low frequency response.
Optimum decoupling is achieved by using two
capacitors of different types that target different
types of noise on the power supply leads. For
higher frequency transients, spikes, or digital
hash on the line, a good low equivalent-series-
resistance (ESR) ceramic capacitor, typically
1.0μF, placed as close as possible to the device
V
terminal works best. For filtering lower-
frequency noise signals, a larger capacitor of
or greater placed near the audio
power amplifier is recommended.
Large input capacitors are both expensive and
space hungry for portable designs. Clearly, a
certain sized capacitor is needed to couple in low
frequencies without severe attenu ation. But in
many cases the speakers used in portable
systems, whether internal or external, have little
ability to reproduce signals below 100Hz to
150Hz. Thus, using a large input capacitor may
not increase actual system perfor mance. In this
case, input capacitor (C ) and input resistance
(R ) of the amplifier form a high-pass filter with
the corner frequency determined equation below,
In addition to system cost and size, click and pop
perfor mance is affected by the size of the input
coupling capacitor, C . A larger input coupling
capacitor requires more charge to reach its
quiescent DC voltage (nominally 1/2 V ). This
charge comes from the internal circuit via the
feedback and is apt to create pops upon device
enable. Thus, by minimizing the capacitor size
based on necessary low frequency response,
turn-on pops can be minimized.
The Analog Reference Bypass Capacitor (C
) is
the most critical capacitor and serves several
important functions. During start-up or recovery
from shutdown mode, C
determines the rate at
which the amplifier starts up. The second
function is to reduce noise produced by the
power supply caused by coupling into the output
drive signal. This noise is from the internal
analog reference to the amplifier, which appears
as degraded PSRR and THD+N.
Bypass capacitor (C
) values of 0.47μF to
1.0μF ceramic is recommended for the best THD
and noise performance. Increasing the bypass
capacitor reduces clicking and popping noise
from power on/off and entering and leaving
shutdown.
DD
i
i
i
DD
BYP
BYP
BYP
i
BYP
10μF (ceramic)
The PAM8803 incorporates circuitry designed to
detect when the supply voltage is low. When the
supply voltage drops to 1.85V or below, the
PAM8803 outputs are disable, and the device
comes out of this state and starts to normal
functional when the supply voltage increases.
The PAM8803 has short circuit protection
circuitry on the outputs that prevents damage to
the device during
output-to-output and output-
to-GND short. When a short circuit is detected on
the outputs, the outputs are disable immediately.
If the short was removed, the device activates
again.
Thermal protection on the PAM8803 prevents
damage to the device when the internal die
temperature exceeds 150°C. There is a 15
degree tolerance on this trip point from device to
device. Once the die temperature exceeds the
thermal set point, the device outputs are
disabled. This is not a latched fault. The thermal
fault is cleared once the temperature of the die is
reduced by 60°C. This large hysteresis will
prevent motor boating sound well and the device
begins normal operation at this point with no
external system interaction.
A simple solution is to put an additional capacitor
1000uF at power supply terminal for power line
coupling if the traces from amplifier to speakers
are short (<20cm).
Under Voltage Lock-out (UVLO)
Short Circuit Protection (SCP)
Over Temperature Protection
How t o Reduce EMI (Electro Magnetic
Interference)
C
ii
1
f=
2πR C
,
Power Analog Microelectronics Inc
www.poweranalog.com
PAM8803
3W Filterless Stereo Class-D Audio Amplifier
with Digital Volume Control
12/2009 Rev 1.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com