Electronic Components Datasheet Search
  English  ▼

X  

PAM8803 Datasheet(PDF) 9 Page - Power Analog Micoelectronics

Part # PAM8803
Description  3W Filterless Stereo Class-D Audio Amplifier with Digital Volume Control
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8803 Datasheet(HTML) 9 Page - Power Analog Micoelectronics

Back Button PAM8803 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 9Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 10Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 11Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 12Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 13Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
Maximum Gain
Digital Volume Control (DVC)
Mute Operation
As shown in block diagram(page 2),the PAM8803
has two internal amplifiers stage. The first
stage's gain is externally con figurable, while the
second stage's is internally fixed in a fixed-gain,
inverting configuration. The closed-loop gain of
the first stage is set by selecting the ratio of R to
R while the second stage's gain is fixed at 2x.
Consequently, the differential gain for the IC is
A =20*log [2*(R /R )]
The PAM8803 sets maximum R =218k
minimum R =27k , thus the maximum closed-
gain is 24dB.
The PAM8803 features a digital volume control
which consists of the UP, DN and RST pins. An
internal clock is used where the clock frequency
value is determined from the following formula:
f= f
/ 2
The oscillator frequency f
value is 200kHz
typical,with ±20% tolerance.The DVC’s clock
frequency is 33Hz (cycle time
) typical.
Volume changes are then effected by toggling
either the UP or DN pins with a logic low. After a
period of 3.5 clocks pulses with either the UP or
DN pins held low, the volume will change to the
next specified step, either UP or DN, and
followed by a short delay. This delay decreases
the longer the line is held low, eventually
reaching a delay of zero. The delay allows the
user to pull the UP or DN terminal low once for
one volume change, or hold down to ramp
several volume changes. The delay is optimally
configured for push button volume control.
If either the UP or DN pin remains low after the
first volume transition the volume will change
again, but this time after 9.5 clock pulses. The
followed transition occurs at 2 clock pulses for
each volume transition. This is intended to
provide the user with a volume control that
pauses briefly after initial application, and then
slowly increases the rate of volume change as it
is continuously applied. This cycle is shown in
the timing diagram shown in figure 1.
There are 64 discrete gain settings ranging from
+24dB maximum to -75dB minimum. Upon device
power on or applied a logic low to the RST pin,
the amplifier's gain is set to a default value of
2.6dB. However, when coming out of mute mode,
the PAM8803 will revert back to its previous gain
setting. Volume levels for each step vary and are
specified in Gain Setting table on page 7.
If both the UP and DN pins are held high, no
volume change will occur. Trigger points for the
UP and DN pins are at 70% of V
minimum for a
logic high, and 20% of V
maximum for a logic
low. It is recommended, however, to toggle UP
a n dD Nb e t w e e nV
a n d G N Df o r b e s t
performance.
Figure 1.Timming Diagram
The
pin is an input for controlling the
output state of the PAM8803. A logic low on this
pin disables the outputs, and a logic high on this
pin enables the outputs. This pin may be used as
a quick disable or enable of the outputs without a
volume fade. Quiescent current is listed in the
electrical characteristic table. The
pin can
be left floating due to the pull-up internal.
f
i
VD
f
i
f
i
CLK
OSC
OSC
DD
DD
DD
Ω
Ω
13
MUTE
MUTE
and
30ms
In order to reduce power consumption while not
in use, the PAM8803 contains shutdown circuitry
that is used to turn off the amplifier's bias
circuitry. This shutdown feature turns the
amplifier off when logic low is placed on the
pin. By switching the
pin connected
to GND, the PAM8803 supply current draw will be
minimized in idle mode. The
pin cannot be
left floating due to the pull-down internal.
Shutdown operation
SHDN
SHDN
SHDN
Application Information
,
Power Analog Microelectronics Inc
www.poweranalog.com
PAM8803
3W Filterless Stereo Class-D Audio Amplifier
with Digital Volume Control
3.5 cycles
9.5 cycles
2 cycles
2 cycles
UP/DN
VOLUME
LEVEL
12/2009 Rev 1.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com