Electronic Components Datasheet Search
  English  ▼

X  

NQ80331M500 Datasheet(PDF) 12 Page - Intel Corporation

Part # NQ80331M500
Description  Intel 80331 I/O Processor Specification Update
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NQ80331M500 Datasheet(HTML) 12 Page - Intel Corporation

Back Button NQ80331M500 Datasheet HTML 8Page - Intel Corporation NQ80331M500 Datasheet HTML 9Page - Intel Corporation NQ80331M500 Datasheet HTML 10Page - Intel Corporation NQ80331M500 Datasheet HTML 11Page - Intel Corporation NQ80331M500 Datasheet HTML 12Page - Intel Corporation NQ80331M500 Datasheet HTML 13Page - Intel Corporation NQ80331M500 Datasheet HTML 14Page - Intel Corporation NQ80331M500 Datasheet HTML 15Page - Intel Corporation NQ80331M500 Datasheet HTML 16Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 67 page
background image
12
Specification Update
Intel® 80331 I/O Processor
Summary Table of Changes
53
XX
XXX
X
38
No Fix
PCI-to-PCI read flow-through with destination TRDY# stalls
can cause data corruption
54
XX
XX
38
Fixed
S_PCIXCAP PCI mode threshold is too high
55
XX
XXX
X
39
No Fix
No support for burst I/O and configuration read/writes
56
XX
XXX
X
39
No Fix
Read flow through hangs due to disconnect without data at
a buffer boundary.
57
XX
XXX
X
39
No Fix
P_SERR# not asserted for parity error on AD[63:32]
58
XX
XXX
X
39
No Fix
Bus Interface Unit (BIU) claims DAC addresses in the
range of the Memory Mapped Registers (MMR
59
XX
XXX
X
40
No Fix
PCIX-to-PCI Memory Read issued as 32-bit, then retried as
64-bit
60
XX
XXX
X
41
No Fix
Tc1(min) of the PCI-X clock observed to be marginally less
than the requirement specified for the PCI-X (Mode 1,
class1) clock jitter.
61
XX
XXX
X
41
No Fix
I2C Control Register reset bit does not function
62
X
41
Fixed
Internal Clock Misalignment Can Cause Processor Hang.
63
XX
XXX
X
41
No Fix
Spurious DMA0 End-Of-Transfer Interrupt
Non-Core Errata (Sheet 3 of 3)
No.
Steppings
Page
Status
Errata
A-1
B-0
C-0
C-1
D-0
D-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com