Electronic Components Datasheet Search
  English  ▼

X  

NQ80331M500 Datasheet(PDF) 26 Page - Intel Corporation

Part # NQ80331M500
Description  Intel 80331 I/O Processor Specification Update
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NQ80331M500 Datasheet(HTML) 26 Page - Intel Corporation

Back Button NQ80331M500 Datasheet HTML 22Page - Intel Corporation NQ80331M500 Datasheet HTML 23Page - Intel Corporation NQ80331M500 Datasheet HTML 24Page - Intel Corporation NQ80331M500 Datasheet HTML 25Page - Intel Corporation NQ80331M500 Datasheet HTML 26Page - Intel Corporation NQ80331M500 Datasheet HTML 27Page - Intel Corporation NQ80331M500 Datasheet HTML 28Page - Intel Corporation NQ80331M500 Datasheet HTML 29Page - Intel Corporation NQ80331M500 Datasheet HTML 30Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 67 page
background image
26
Specification Update
Intel® 80331 I/O Processor
Non-Core Errata
27.
SERR# set to incorrect voltage
Problem:
SERR# is being driven to 1 V. The 80331 might detect SERR# being asserted during boot-up and
does not detect SERR# assertion when a device on the PCI-X bus asserts SERR#.
Implication:
The 80331 falsely detects and logs SERR# assertion during boot-up, due to the SERR# pin being
held at 1 V, which the 80331 detects as a logic low (asserted). Devices assert SERR# for a
minimum of one clock when an SERR# occurs. Since SERR# is being held low, devices asserting
SERR# are not detected by the 80331.
Workaround:
Putting a 34–39
Ω pull-up resistor on SERR# might work; however, some add-in cards do not have
the drive strength to pull-down against this pull-up, and therefore cannot reliably generate SERR#
in the system. An alternative workaround is to have software mask SERR# assertion in the ATU or
bridge.
Status:
Fixed. Fixed in B-0 stepping. See the Table , “Summary Table of Changes” on page 9.
28.
M66EN set to incorrect voltage
Problem:
The M66EN signals do not get set to the appropriate level with or without an add-in card present.
M66EN should be at 3.3 V without an add-in card present.
Implication:
Prevents auto-detection of 66 MHz PCI devices. Forces the bus speed to 33 MHz when not in
PCI-X mode and only impacts busses that should be set to 66 MHz PCI.
Workaround:
Use a 34-39 ohm pull-up resistor on the M66EN signals.
Status:
Fixed. Fixed in B-0 stepping. See the Table , “Summary Table of Changes” on page 9.
29.
P_INT[D:A]# not operating correctly
Problem:
The P_INT[D:A]# signals only rise to ~1 V at power-on.
Implication:
P_INT[D:A]# interrupt signals can cause false interrupts to the host.
Workaround:
Use a 34-39 ohm pull-up resistor on the P_INT[D:A]# signals.
Status:
Fixed. Fixed in B-0 stepping. See the Table , “Summary Table of Changes” on page 9.
30.
Secondary bus may not initialize correctly at 100 MHz PCI-X or 133 MHz
PCI-X
Problem:
When a 133 MHz PCI-X capable device is plugged into the secondary PCI-X bus supporting
>= 100 MHz PCI-X, the 80331 might not correctly initialize the bus at 100 MHz PCI-X or
133 MHz PCI-X.
Implication:
The bus may initialize at 66 MHz PCI-X.
Workaround:
Replace the 3.3 Kohm pull-up resistor on S_PCIXCAP with a 1.5 Kohm resistor.
Status:
Fixed. Fixed in B-0 stepping. See the Table , “Summary Table of Changes” on page 9.
31.
Coalesced writes to 32-bit memory can cause data corruption
Problem:
The Bus Interface Unit (BIU) can cause data corruption within the memory controller unit when
either an 8-byte write with a starting address offset of four (i.e., DWord alignment) or a 12-byte
write is done to 32-bit memory (or the 32-bit memory region).
Implication:
Can cause data corruption. This is not an issue with 64-bit memory subsystems.
Workaround:
When the use of 32-bit memory or the 32-bit memory region is required, write coalescing must be
turned off.
Status:
No Fix. Not to be fixed. See the Table , “Summary Table of Changes” on page 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com