Electronic Components Datasheet Search
  English  ▼

X  

NQ80331M500 Datasheet(PDF) 36 Page - Intel Corporation

Part # NQ80331M500
Description  Intel 80331 I/O Processor Specification Update
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NQ80331M500 Datasheet(HTML) 36 Page - Intel Corporation

Back Button NQ80331M500 Datasheet HTML 32Page - Intel Corporation NQ80331M500 Datasheet HTML 33Page - Intel Corporation NQ80331M500 Datasheet HTML 34Page - Intel Corporation NQ80331M500 Datasheet HTML 35Page - Intel Corporation NQ80331M500 Datasheet HTML 36Page - Intel Corporation NQ80331M500 Datasheet HTML 37Page - Intel Corporation NQ80331M500 Datasheet HTML 38Page - Intel Corporation NQ80331M500 Datasheet HTML 39Page - Intel Corporation NQ80331M500 Datasheet HTML 40Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 67 page
background image
36
Specification Update
Intel® 80331 I/O Processor
Non-Core Errata
50.
Secondary bus PCI RST# pulse prior to the rising edge of P_RST#
Problem:
During system power on and prior to 80331 receiving the rising edge of P_RST#, a pulse may be
observed on the secondary bus PCI RST# signal (S_RST#).
This functionality is a result of the 3.3v to 1.5v leakage described in Specification Clarification 19.
Other signals that may see a pulse during power-on include the following: all Peripheral Bus
Interface (PBI), PCI, GPIO, UART, JTAG and PWRDELAY signals. Refer to Specification
Clarification 23 for specifics on PWRDELAY. Signals not included are DDR and I2C.
Implication:
PCI/PCI-X controllers on the secondary bus segment could interpret this S_RST# pulse as a true
rising edge and initialize into an undetermined state. Pulses on PWE# and PCEx# may cause data
corruption for memory devices connected to the PBI bus.
Workaround:
A hardware workaround has been identified. The P_RST# signal that is received by the 80331 can
be used to gate the secondary bus PCI RST# signal. For example, use P_RST# and S_RST# as
inputs to an AND gate and connect the output to the secondary device RST# pin. The gate delay
should be kept down to a couple nanoseconds, so as to not interfere with the PCI initialization
pattern.
Another workaround is to bring up 3.3 V and 1.5 V power rails simultaneously, but continue to
maintain the power sequencing requirement (as specified in the design guide) for these two power
rails.
Status:
No Fix. Not to be fixed. See the Table , “Summary Table of Changes” on page 9.
51.
Slow edge rates observed when 80331 is driving the primary bus
Problem:
Signal integrity issues might occur when the 80331 is driving the primary PCI/PCI-X bus in
conventional PCI or PCI-X modes.
Implication:
Parity errors and system hangs may occur.
Workaround:
A software workaround has been identified. The workaround is required for reliable conventional
PCI and PCI-X mode operation. The workaround is to write all 1s to the PCI drive strength
overrides with the Intel XScale
® core.
Bit 31 should be set in the following two registers to enable drive strength override:
• 3.3 V Drive Strength Control Register at FFFF_F5D0h
• 1.5 V Drive Strength Control Register at FFFF_F5D4h
The default value is 0000_3F3Fh for both registers.
Status:
Fixed. Fixed in C-0 stepping. See the Table , “Summary Table of Changes” on page 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com