Electronic Components Datasheet Search
  English  ▼

X  

NQ80331M500 Datasheet(PDF) 58 Page - Intel Corporation

Part # NQ80331M500
Description  Intel 80331 I/O Processor Specification Update
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NQ80331M500 Datasheet(HTML) 58 Page - Intel Corporation

Back Button NQ80331M500 Datasheet HTML 54Page - Intel Corporation NQ80331M500 Datasheet HTML 55Page - Intel Corporation NQ80331M500 Datasheet HTML 56Page - Intel Corporation NQ80331M500 Datasheet HTML 57Page - Intel Corporation NQ80331M500 Datasheet HTML 58Page - Intel Corporation NQ80331M500 Datasheet HTML 59Page - Intel Corporation NQ80331M500 Datasheet HTML 60Page - Intel Corporation NQ80331M500 Datasheet HTML 61Page - Intel Corporation NQ80331M500 Datasheet HTML 62Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 67 page
background image
58
Specification Update
Intel® 80331 I/O Processor
Specification Clarifications
Therefore if enabled, all descriptors are processed as P+Q descriptor formats.
If disabled, all descriptors are processed as prior AAU definitions (ie - straight XOR).
In order to mix RAID-5 with P+Q RAID-6, enable P+Q RAID-6 GF Multiply for the AAU, and
build all RAID-5 XOR descriptors as P+Q RAID-6 descriptors, where the GF Multiplier Byte
values are all 0x01.
Status:
No Fix. See the Table , “Summary Table of Changes” on page 9.
26.
RCVDLY setting for DDR-I memory
Issue:
The Receive Enable Delay Register (RCVDLY at FFFF_F550h) is used for DQS receive enable
calibration. In other words, RCVDLY adjusts the memory controllers relationship of DQS to an
internal M_CLK.
The RCVDLY value is highly dependant on the board layout and DIMM characteristics. Also, the
memory controller only supports a non integer CAS latency (tCAS = 2.5, SDCR0.9:8) for DDR-I,
which means that RCVDLY may need to be adjusted because DQS is no longer synchronized with
M_CLK.
Therefore, when using DDR-I memory, the RCVDLY default setting of 5 may need to be changed
to 6 or 7 to operate correctly with a specific DIMM based on the board layout. For example, the
Redboot reference code provided by Intel uses a value to 7 to allow for a wider compatibility with
various DIMMs.
Status:
No Fix. See the Table , “Summary Table of Changes” on page 9.
27.
ATUBAR3 Functionality
Issue:
The private memory window of the secondary PCI segment defines an address range that the
80331 uses to map private devices to, and to locate local memory for private device access. This
range is intended to be mapped to the ATUs private BAR window (ATUBAR3) and the private
device BARs. Note that even when the private addressing is enabled, the normal 80331 behavior
defined for BME, MSE, IOSE bits in the ATUCMD register are still true. Therefore, when the ATU
Memory Space Enable bit is cleared, all ATU BARs including ATUBAR3 will be unable to claim
any memory transactions. For example, this bit is typically cleared during a PCI bus scan /
enumeration.
Status:
No Fix. See the Table , “Summary Table of Changes” on page 9.
28.
VREF isolation for Battery Back-up (BBU) mode
Issue:
During battery back-up (BBU) mode, the DIMM power can be isolated from the 80331 IOP power.
This isolation should also include the VREF signal for the DIMM interface. Due to leakage, the
VREF signal for the DIMM should be isolated from the VREF signal for the IOP. This is to ensure
that VREF for the DIMM is not disturbed as the IOP powers down when entering battery back-up
(BBU) mode. The isolation can be provided by using separate voltage dividers or a FET.
For related issues, refer to Specification Clarification 21, “Power plane isolation for Battery
Back-Up (BBU) mode” on page 56.
Status:
No Fix. See the Table , “Summary Table of Changes” on page 9.
29.
I2C Unit Enabling
Issue:
Software must guarantee that the I2C bus is idle before enabling the I2C unit. Failure to do so could
result in unstable behavior. The IBMR register can be used to monitor the state of the SCL and
SDA pins in order to determine bus activity. The I2C Bus Busy bit in the I2C Status Register
(ISR.3) can not be used for this purpose, as it is only valid when the I2C unit is enabled.
Status:
No Fix. See the Table , “Summary Table of Changes” on page 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com