Electronic Components Datasheet Search
  English  ▼

X  

NQ80331M500 Datasheet(PDF) 25 Page - Intel Corporation

Part # NQ80331M500
Description  Intel 80331 I/O Processor Specification Update
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NQ80331M500 Datasheet(HTML) 25 Page - Intel Corporation

Back Button NQ80331M500 Datasheet HTML 21Page - Intel Corporation NQ80331M500 Datasheet HTML 22Page - Intel Corporation NQ80331M500 Datasheet HTML 23Page - Intel Corporation NQ80331M500 Datasheet HTML 24Page - Intel Corporation NQ80331M500 Datasheet HTML 25Page - Intel Corporation NQ80331M500 Datasheet HTML 26Page - Intel Corporation NQ80331M500 Datasheet HTML 27Page - Intel Corporation NQ80331M500 Datasheet HTML 28Page - Intel Corporation NQ80331M500 Datasheet HTML 29Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 67 page
background image
Specification Update
25
Intel® 80331 I/O Processor
Non-Core Errata
25.
Boundary scan multi-chip module implementation
Problem:
The 80331 is not BSDL-compliant for the SAMPLE and BYPASS instructions specified by the
JTAG specification 1149.1. It is compliant for most board-level testing. When boards are tested for
opens and shorts, the 80331 BSDL can define the boundary scan length as +1 to encompass the
BYPASS register in the Intel XScale® core (therefore not visible).
Implication:
When doing ID, SAMPLE, or BYPASS, the Intel XScale® core BYPASS register makes the path
from TDI to TDO one flop longer than the specification requires, which could cause canned
software to error.
Note:
When neither of these are used by the board vendors during manufacturing testing, there is no issue.
Workaround:
Intel can provide two BSDL files which allow opens and shorts testing, as long as it does not test
the ID and BYPASS instructions. One covers the Intel XScale
® core unit and the other one for the
I/O processor, with the exception that both instruction sets are reduced from 14 to 7, since they are
operating independently.
Status:
No Fix. Not to be fixed. See the Table , “Summary Table of Changes” on page 9.
26.
Auto refresh command also generates a Precharge All command on DDR
bus
Problem:
When an auto refresh command is issued to the MCU SDRAM Initialization Register (write 0x6 to
SDIR) the hardware state machine executes a precharge all command and then an auto refresh
command.
Implication:
Some DIMMs may fail to initialize.
Workaround:
There is no way to decouple the precharge all and auto refresh commands in the MCU. However,
the DCAL can issue an auto refresh command, which can be used instead to issue the auto refresh
for initialization.
For both DDRI and DDRII initialization sequences, there are two back-to-back AutoRefresh
(ARF) commands issued to the DIMM (accomplished by writing 0x6 to MCU_SDIR
0xFFFF_E500 twice). This sequence is replaced by writing to the DCAL Control and Status
Register (DCALSR) 0xFFFF_F500 to issue an AutoRefresh to each Chip Select, thus there are four
writes to the DCALSR as opposed to the previous two writes to MCU_SDIR. The exact address
and data values are as follows:
ADDRESS
WRITE_DATA
NOTE
0xFFFF_F500 0x8000_0001 -- ARF to CS[0]
0xFFFF_F500 0x8000_0001 -- ARF to CS[0]
0xFFFF_F500 0x8010_0001 -- ARF to CS[1]
0xFFFF_F500 0x8010_0001 -- ARF to CS[1]
Status:
No Fix. Not to be fixed. See the Table , “Summary Table of Changes” on page 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com