| Electronic Components Datasheet Search |
|
NQ80331M500 Datasheet(PDF) 54 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
NQ80331M500 Datasheet(HTML) 54 Page - Intel Corporation |
|
54 / 67 page ![]() 54 Specification Update Intel® 80331 I/O Processor Specification Clarifications 13. Bus Interface Unit follows PCI ordering rules Issue: The Core Bus Interface Unit orders transactions based on PCI rules. This allows outgoing writes to pass incoming reads. For most devices on the internal bus, this does not cause problems since the devices function asynchronously with respect to each other. For transactions between the Intel XScale® core and memory via the internal bus, this can result in unexpected data. For example: 0: ldr r0, =0x40000 1: ldr r1, =0xaaaaaaaa 2: ldr r2, =0x55555555 3: str r1, [r0] 4: … <time-delay to allow the previous transactions to complete> 5: ldr r3, [r0] 6: str r2, [r0] This code could potentially load the register r3 with the value 0x55555555 since the store in line 6 may pass the load in line 5. This only happens with transactions on the internal bus. The MCU core port enforces strict ordering and does not exhibit this behavior. If the MCU core port is used, then this issue will not occur. When caching is enabled, then the initial read will initiate a cache-line fill. The subsequent write is pended in the Intel XScale ® core until the line fill and the ldr instruction complete. In this case, this issue does not occur. When caching is disabled, and the caching policy is stall-until-complete (X=0, C=0, B=0), this issue does not occur. For other MMU settings with caching disabled, the issue can occur. Specifically regions with data cache and write buffer policies of bufferable (X=0, C=0, B=1) or coalescing-disabled-bufferable (X=1, C=0, B=1) are vulnerable to this issue. In addition, regions configured as write through (X=0, C=1, B=0) are also vulnerable to this issue. In addition, if caching is enabled in the MMU page tables, but the DCache is disabled in the CP15 ARM Control Register, then the effective caching policy is bufferable and this reordering must be accounted for. It is important to realize that any code which accesses memory spaces on the internal bus need to account for this possibility. Code which dynamically disables cache (i.e. - flash programming routines) needs to ensure that the caching policy for the appropriate memory region is set to “stall until complete” until the cache is re-enabled. The simplest scenario to reproduce this is two back-to-back function calls, for example: main: bl fun1 bl fun2 … … … fun1: stmfd sp!, {r4, r5, r6, r7, r8, r9, r10, lr} ldmfd sp!, {r4, r5, r6, r7, r8, r9, r10, pc} fun2: stmfd sp!, {r4, fp, ip, lr} ldmfd sp!, {r4, fp, ip, pc} |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |