Electronic Components Datasheet Search
  English  ▼

X  

NQ80331M500 Datasheet(PDF) 59 Page - Intel Corporation

Part # NQ80331M500
Description  Intel 80331 I/O Processor Specification Update
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NQ80331M500 Datasheet(HTML) 59 Page - Intel Corporation

Back Button NQ80331M500 Datasheet HTML 55Page - Intel Corporation NQ80331M500 Datasheet HTML 56Page - Intel Corporation NQ80331M500 Datasheet HTML 57Page - Intel Corporation NQ80331M500 Datasheet HTML 58Page - Intel Corporation NQ80331M500 Datasheet HTML 59Page - Intel Corporation NQ80331M500 Datasheet HTML 60Page - Intel Corporation NQ80331M500 Datasheet HTML 61Page - Intel Corporation NQ80331M500 Datasheet HTML 62Page - Intel Corporation NQ80331M500 Datasheet HTML 63Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 67 page
background image
Specification Update
59
Intel® 80331 I/O Processor
Specification Clarifications
30.
DMA transactions from local memory to a conventional PCI target can
complete out of order
Issue:
It is possible for the Outbound ATU to get backed up and retry the DMA unit.
When this
occurs, the possibility exists for DMA transactions to complete out of order as each DMA has 3
separate data queues and there is no guarantee as to which one of the queues will drain on the retry.
Status:
No Fix. See the Table , “Summary Table of Changes” on page 9
31.
SBR1 Programming with Bank 1 Unpopulated
Issue:
When using single-banked DDR-II DIMMs and the SDRAM Boundary Register 1 (SBR1;
FFFF_E514h) is not programmed to match the SDRAM Boundary Register 0 (SBR0;
FFFF_E510h), the wrong ODT signal will become activated. The memory controller provides two
ODT (On Die Termination) signals (ODT[1:0]) which are used with DDR-II DIMMs to turn on
termination during writes.
Section 8.7.6 in the Intel® 80331 I/O Processor Developer’s Manual (273942) states, “If bank 1 is
unpopulated, SBR1[6:0] is programmed either with all zeroes or a value equal to SBR0[6:0].” To
clarify this statement for single-banked DDR-II DIMMs, if bank 1 is unpopulated, then the entire
SBR1 must be programmed the same as SBR0. This includes lower bits 06:00 and upper bits
31:30. Bits 30:07 are reserved and should not be written. The memory controller compares the
entire range of the SBR0 and SBR1 to determine which ODT signal to enable. If the upper bits
31:30 in SBR0 and SBR1 do not match, then ODT1 will become active instead of ODT0.
In addition, when bank 1 is unpopulated, SBR1[6:0] should never be zero if SBR0[6:0] is non-zero.
Status:
No Fix. See the Table , “Summary Table of Changes” on page 9.
32.
32-bit Writes to Unaligned 64-bit Addresses are Promoted to 64-bit Aligned
Writes
Issue:
In applications that run the PCI bus segment in 32-bit PCI Mode or 64-bit PCI Mode with 32-bit
targets, write transactions that are on unaligned 64-bit addresses are promoted to 64-bit aligned
writes. The first half of the 64-bit write is on a 64-bit aligned address and has the BE# signals
disabled. Therefore, the write is invalid. The second half on the 64-bit write is a valid write with the
BE# enabled and the write is to the intended 32-bit address.
Per the PCI Local Bus Specification, Revision 2.2, PCI compliant devices should ignore the first
half of the 64-bit write due to the BE# signals being disabled.
For devices that support using the I/O window, the 64-bit write does not occur when using the ATU
I/O Window and only the expected 32-bit write occurs.
For memory mapped devices, the only option is to run in PCI-X mode, where the byte count and
starting address are consistent with the actual number of bytes to be written (i.e., 4). When a 64-bit
PCI-X request gets downshifted, the requester can use the starting address/byte count to recognize
that the write request does not cross a DWORD address boundary and only perform a single 32-bit
wide data cycle.
Status:
No Fix. See the Table , “Summary Table of Changes” on page 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com