| Electronic Components Datasheet Search |
|
NQ80331M500 Datasheet(PDF) 23 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
NQ80331M500 Datasheet(HTML) 23 Page - Intel Corporation |
|
23 / 67 page ![]() Specification Update 23 Intel® 80331 I/O Processor Non-Core Errata 18. Watchdog time-outs by the PCI-X bridge may cause data corruption Problem: A watchdog time-out by the PCI-X bridge may cause data loss or corruption in an unrelated transaction. Implication: Watchdog time-outs can cause data corruption. Workaround: Do not enable the watchdog time-out counter (default setting). The Watchdog Timer has been de-featured from the 80331. See Specification Change #4. Status: No Fix. Not to be fixed. See the Table , “Summary Table of Changes” on page 9. 19. Discard timer expiration on delayed read can cause data corruption or deadlock when data is still being received on target bus Problem: The discard timer in the PCI-X bridge starts counting when read data is first received. When data comes in very slowly (for example, when the target bus speed is much slower than the requesting bus) the discard timer on the requesting bus may elapse before the read data is complete, and cause state machine errors. Implication: When a delayed read in PCI-to-PCI or PCI-to-PCIX mode receives immediate data on the destination bus, and the time required to receive that data exceeds the value of the discard timer, data corruption or deadlock may occur. Workaround: Set discard time-out value to 2^15 (default setting) or reduce prefetch settings when bus speeds are very different. Status: Fixed. Fixed in B-0 stepping. See the Table , “Summary Table of Changes” on page 9. 20. Configuration cycle attribute parity error signaled incorrectly by PCI-X bridge Problem: A configuration cycle with an attribute parity error gets a retry response by the PCI-X bridge, instead of a target abort. Implication: When the SERR# Enable bit (PCR.8) is not set, transient parity errors may go undetected. Workaround: Set PCR.8 to enable primary bus SERR# assertions for parity error detection. Status: Fixed. Fixed in B-0 stepping. See the Table , “Summary Table of Changes” on page 9. 21. Transactions are buffered during Secondary Reset Problem: When the secondary bus is reset by software (i.e., setting the secondary bus reset bit - BCR.6), the buffer control needs to retry all transactions (except type 0 configuration cycles). The problem is that the buffer controller is not looking at the secondary reset signal, so when the secondary bus reset bit is set (S_RST# asserted) the buffers enqueue a transaction that was retried. Instead, it needs to remain idle until reset is complete, and not enqueue the retried transactions. Implication: May cause data corruption. Workaround: After de-asserting S_RST# by clearing (i.e., writing a '0') the Secondary Bus Reset bit (BCR.6), wait 155 µs before sending a new transaction to the bridge. Status: Fixed. Fixed in C-0 stepping. See the Table , “Summary Table of Changes” on page 9. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |