Electronic Components Datasheet Search
  English  ▼

X  

NQ80331M500 Datasheet(PDF) 18 Page - Intel Corporation

Part # NQ80331M500
Description  Intel 80331 I/O Processor Specification Update
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NQ80331M500 Datasheet(HTML) 18 Page - Intel Corporation

Back Button NQ80331M500 Datasheet HTML 14Page - Intel Corporation NQ80331M500 Datasheet HTML 15Page - Intel Corporation NQ80331M500 Datasheet HTML 16Page - Intel Corporation NQ80331M500 Datasheet HTML 17Page - Intel Corporation NQ80331M500 Datasheet HTML 18Page - Intel Corporation NQ80331M500 Datasheet HTML 19Page - Intel Corporation NQ80331M500 Datasheet HTML 20Page - Intel Corporation NQ80331M500 Datasheet HTML 21Page - Intel Corporation NQ80331M500 Datasheet HTML 22Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 67 page
background image
18
Specification Update
Intel® 80331 I/O Processor
Identification Information
D-1
NQ80331M500
QG80331M500
SL9B7
SL9BE
500
Production
PB-free Production
D-1
NQ80331M667
QG80331M667
SL9B8
SL9BF
667
Production
PB-free Production
D-1
NQ80331M800
QG80331M800
SL9B9
SL9BG
800
Production
PB-free Production
Table 2.
Intel® 80331 I/O Processor Device ID Registers
Device and
Stepping
Processor Device ID
(CP15, Register 0 – opcode_2=0)
Revision ID
JTAG Device ID and
PDIR
A-1
0x69054090
0x00
0x09279013
B-0
0x69054094
0x04
0x49279013
C-0
0x69054096
0x06
0x69279013
C-1
0x69054097
0x07
0x69279013
D-0
0x6905409A
0x0A
0xA9279013
D-1
0x6905409A
0x0A
0xA9279013
NOTE: Processor core speed can be identified by reading CCLKCFG[3:0] (CP14, register 6)
500 MHz = 0x0, 667 MHz = 0x2, 800 MHz = 0x4
Table 1.
Intel® 80331 I/O Processor Die Details
Stepping
Part Number
QDF (Q)/
Specification Number (SL)
Processor Speed (MHz)
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com