Electronic Components Datasheet Search
  English  ▼

X  

LM86 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # LM86
Description  짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor With Two-Wire Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM86 Datasheet(HTML) 23 Page - Texas Instruments

Back Button LM86 Datasheet HTML 19Page - Texas Instruments LM86 Datasheet HTML 20Page - Texas Instruments LM86 Datasheet HTML 21Page - Texas Instruments LM86 Datasheet HTML 22Page - Texas Instruments LM86 Datasheet HTML 23Page - Texas Instruments LM86 Datasheet HTML 24Page - Texas Instruments LM86 Datasheet HTML 25Page - Texas Instruments LM86 Datasheet HTML 26Page - Texas Instruments LM86 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
Vbe = K
ln (N)
k T
q
IF = IS e
Vbe
KVt
LM86
www.ti.com
SNIS114E – DECEMBER 2001 – REVISED MARCH 2013
(3)
In the above equation,
η and IS are dependant upon the process that was used in the fabrication of the particular
diode. By forcing two currents with a very controlled ration (N) and measuring the resulting voltage difference, it
is possible to eliminate the IS term. Solving for the forward voltage difference yields the relationship:
(4)
The nonideality factor,
η, is the only other parameter not accounted for and depends on the diode that is used for
measurement. Since
ΔVBE is proportional to both η and T, the variations in η cannot be distinguished from
variations in temperature. Since the nonideality factor is not controlled by the temperature sensor, it will directly
add to the inaccuracy of the sensor. For the Pentium III Intel specifies a ±1% variation in
η from part to part. As
an example, assume a temperature sensor has an accuracy specification of ±1°C at room temperature of 25 °C
and the process used to manufacture the diode has a nonideality variation of ±1%. The resulting accuracy of the
temperature sensor at room temperature will be:
TACC = ± 1°C + (±1% of 298 °K) = ±4 °C
(5)
The additional inaccuracy in the temperature measurement caused by
η, can be eliminated if each temperature
sensor is calibrated with the remote diode that it will be paired with. The following table shows the variations in
nonideality for a variety of processors.
Processor Family
η, nonideality
min
typ
max
Pentium II
1
1.0065
1.0173
Pentium III CPUID 67h
1
1.0065
1.0125
Pentium III CPUID 68h/PGA370Socket/Celeron
1.0057
1.008
1.0125
Pentium 4, 423 pin
0.9933
1.0045
1.0368
Pentium 4, 478 pin
0.9933
1.0045
1.0368
MMBT3904
1.003
AMD Athlon MP model 6
1.002
1.008
1.016
Compensating for Diode Nonideality
In order to compensate for the errors introduced by nonideality, the temperature sensor is calibrated for a
particular processor. National Semiconductor temperature sensors are always calibrated to the typical nonideality
of a given processor type. The LM86 is calibrated for the nonideality of a mobile Pentium III processor, 1.008.
When a temperature sensor calibrated for a particular processor type is used with a different processor type or a
given processor type has a nonideality that strays from the typical, errors are introduced. Figure 16 shows the
minimum and maximum errors introduced to a temperature sensor calibrated specifically to the typical value of
the processor type it is connected to. The errors in this figure are attributed only to the variation in nonideality
from the typical value. In Figure 17 is a plot of the errors that result from using a temperature sensor calibrated
for a Pentium II, the LM84, with a typical Pentium 4 or AMD Athlon MP Model 6.
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LM86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com