Electronic Components Datasheet Search
  English  ▼

X  

LM86 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # LM86
Description  짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor With Two-Wire Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM86 Datasheet(HTML) 24 Page - Texas Instruments

Back Button LM86 Datasheet HTML 20Page - Texas Instruments LM86 Datasheet HTML 21Page - Texas Instruments LM86 Datasheet HTML 22Page - Texas Instruments LM86 Datasheet HTML 23Page - Texas Instruments LM86 Datasheet HTML 24Page - Texas Instruments LM86 Datasheet HTML 25Page - Texas Instruments LM86 Datasheet HTML 26Page - Texas Instruments LM86 Datasheet HTML 27Page - Texas Instruments LM86 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
-0.4
-0.35
-0.3
-0.25
-0.2
-0.15
-0.1
-0.05
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
-60 -40 -20 0 20 40 60 80
TEMPERATURE (
oC)
0
100 120 140
n_ideality =1.008
using LM84.
n_ideality =1.0045
using LM84.
-6
-4
-2
0
2
4
6
8
10
12
14
-60 -40 -20 0 20 40 60 80 100 120 140
TEMPERATURE (
oC)
Pentium 4
Pentium III CPUID 68h/Celeron
Pentium 4
Pentium II
n_ideality =1.008
using LM84.
n_ideality =1.008
using LM86.
n_ideality =1.0045
using LM84.
TEMPERATURE (°C)
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
-60 -40 -20
0
20 40 60 80 100 120 140
LM86
SNIS114E – DECEMBER 2001 – REVISED MARCH 2013
www.ti.com
Figure 16. Error Caused by Nonideality Factor
Figure 17. Errors Induced when Temperature
Sensor is Not Calibrated to Typical Nonideality
Figure 18. Compensating for an Untargeted Nonideality Factor
Temperature errors associated with nonideality may be reduced in a specific temperature range of concern
through use of the offset registers (11h and 12h). Figure 18 shows how the offset register may be used to
compensate for the nonideality errors shown in Figure 17. For the case of nonideality=1.008, the offset register
was set to
−0.5°C resulting in the calculated residual error as shown in Figure 18. This offset has resulted in an
error of less than 0.05°C for the temperatures measured in the critical range between 60 to 100°C. This method
yields a first order correction factor.
Please send an email to hardware.monitor.team@nsc.com requesting further information on our recommended
setting of the offset register for different processor types.
PCB LAYOUT FOR MINIMIZING NOISE
Figure 19. Ideal Diode Trace Layout
24
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: LM86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com