Electronic Components Datasheet Search
  English  ▼

X  

LM86 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM86
Description  짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor With Two-Wire Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM86 Datasheet(HTML) 4 Page - Texas Instruments

  LM86 Datasheet HTML 1Page - Texas Instruments LM86 Datasheet HTML 2Page - Texas Instruments LM86 Datasheet HTML 3Page - Texas Instruments LM86 Datasheet HTML 4Page - Texas Instruments LM86 Datasheet HTML 5Page - Texas Instruments LM86 Datasheet HTML 6Page - Texas Instruments LM86 Datasheet HTML 7Page - Texas Instruments LM86 Datasheet HTML 8Page - Texas Instruments LM86 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
SNP
V+
GND
D1
D2
D4
D3
R1
ESD
Clamp
D5
D6
I/O
LM86
SNIS114E – DECEMBER 2001 – REVISED MARCH 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
Supply Voltage
−0.3 V to 6.0 V
Voltage at SMBData, SMBCLK, ALERT, T_CRIT_A
−0.5V to 6.0V
Voltage at Other Pins
−0.3 V to (VDD + 0.3 V)
D
− Input Current
±1 mA
Input Current at All Other Pins (2)
±5 mA
Package Input Current (2)
30 mA
SMBData, ALERT, T_CRIT_A Output Sink Current
10 mA
Storage Temperature
−65°C to +150°C
Soldering Information, Lead Temperature,
Vapor Phase (60 seconds)
215°C
SOIC-8 or VSSOP-8 Packages (3)
Infrared (15 seconds)
220°C
ESD Susceptibility (4)
Human Body Model
2000 V
Machine Model
200 V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not
apply when operating the device beyond its rated operating conditions.
(2)
When the input voltage (VI) at any pin exceeds the power supplies (VI < GND or VI > VDD), the current at that pin should be limited to 5
mA. Parasitic components and or ESD protection circuitry are shown in Table 1 and Figure 1 for the LM86's pins. The nominal
breakdown voltage of D3 is 6.5 V. Care should be taken not to forward bias the parasitic diode, D1, present on pins: D+, D
−. Doing so
by more than 50 mV may corrupt a temperature measurements.
(3)
See the URL ”http://www.national.com/packaging/“ for other recommendations and methods of soldering surface mount devices.
(4)
Human body model, 100pF discharged through a 1.5k
Ω resistor. Machine model, 200pF discharged directly into each pin.
Table 1. ESD Protection
Pin Name
PIN
D1
D2
D3
D4
D5
D6
R1
SNP
ESD
CLAM
P
VDD (V+)
1
x
x
D+
2
x(1)
x
x
x
x
x
D
3
x
x
x
x
x
x
T_CRIT_A
4
x
x
x
ALERT
6
x
x
x
SMBData
7
x
x
x
SMBCLK
8
x
(1)
An “x” indicates that the diode exists.
Figure 1. ESD Protection Input Structure
4
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: LM86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com