Electronic Components Datasheet Search
  English  ▼

X  

LM86 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM86
Description  짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor With Two-Wire Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM86 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM86 Datasheet HTML 12Page - Texas Instruments LM86 Datasheet HTML 13Page - Texas Instruments LM86 Datasheet HTML 14Page - Texas Instruments LM86 Datasheet HTML 15Page - Texas Instruments LM86 Datasheet HTML 16Page - Texas Instruments LM86 Datasheet HTML 17Page - Texas Instruments LM86 Datasheet HTML 18Page - Texas Instruments LM86 Datasheet HTML 19Page - Texas Instruments LM86 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
n
n+1
n+2
n+3
n+4
n+5
SAMPLE NUMBER
RDTS Measurement
Status Register: RTDS High
LM86
SNIS114E – DECEMBER 2001 – REVISED MARCH 2013
www.ti.com
Fault Queue
In order to suppress erroneous ALERT or T_CRIT triggering the LM86 incorporates a Fault Queue. The Fault
Queue acts to insure a remote temperature measurement is genuinely beyond a HIGH, LOW or T_CRIT setpoint
by not triggering until three consecutive out of limit measurements have been made, see Figure 14. The fault
queue defaults off upon power-up and may be activated by setting bit D0 in the Configuration register (09h) to
“1”.
Figure 14. Fault Queue Temperature Response Diagram
One-Shot Register
The One-Shot register is used to initiate a single conversion and comparison cycle when the device is in standby
mode, after which the device returns to standby. This is not a data register and it is the write operation that
causes the one-shot conversion. The data written to this address is irrelevant and is not stored. A zero will
always be read from this register.
16
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: LM86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com