Electronic Components Datasheet Search
  English  ▼

X  

LM86 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM86
Description  짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor With Two-Wire Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM86 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM86 Datasheet HTML 13Page - Texas Instruments LM86 Datasheet HTML 14Page - Texas Instruments LM86 Datasheet HTML 15Page - Texas Instruments LM86 Datasheet HTML 16Page - Texas Instruments LM86 Datasheet HTML 17Page - Texas Instruments LM86 Datasheet HTML 18Page - Texas Instruments LM86 Datasheet HTML 19Page - Texas Instruments LM86 Datasheet HTML 20Page - Texas Instruments LM86 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
LM86
www.ti.com
SNIS114E – DECEMBER 2001 – REVISED MARCH 2013
LM86 REGISTERS
COMMAND REGISTER
Selects which registers will be read from or written to. Data for this register should be transmitted during the
Command Byte of the SMBus write communication.
P7
P6
P5
P4
P3
P2
P1
P0
Command Select
P0-P7: Command Select
Command Select Address
Power On Default State
Register
Register Function
Name
Read Address
Write Address
<D7:D0> binary
<D7:D0> decimal
<P7:P0> hex
<P7:P0> hex
00h
NA
0000 0000
0
LT
Local Temperature
01h
NA
0000 0000
0
RTHB
Remote Temperature High Byte
02h
NA
0000 0000
0
SR
Status Register
03h
09h
0000 0000
0
C
Configuration
04h
0Ah
0000 1000
8 (16 conv./sec)
CR
Conversion Rate
05h
0Bh
0100 0110
70
LHS
Local HIGH Setpoint
06h
0Ch
0000 0000
0
LLS
Local LOW Setpoint
07h
0Dh
0100 0110
70
RHSHB
Remote HIGH Setpoint High Byte
08h
0Eh
0000 0000
0
RLSHB
Remote LOW Setpoint High Byte
NA
0Fh
One Shot
Writing to this register will initiate
a one shot conversion
10h
NA
0000 0000
0
RTLB
Remote Temperature Low Byte
11h
11h
0000 0000
0
RTOHB
Remote Temperature Offset High
Byte
12h
12h
0000 0000
0
RTOLB
Remote Temperature Offset Low
Byte
13h
13h
0000 0000
0
RHSLB
Remote HIGH Setpoint Low Byte
14h
14h
0000 0000
0
RLSLB
Remote LOW Setpoint Low Byte
19h
19h
0101 0101
85
RCS
Remote T_CRIT Setpoint
20h
20h
0101 0101
85
LCS
Local T_CRIT Setpoint
21h
21h
0000 1010
10
TH
T_CRIT Hysteresis
B0h-BEh
B0h-BEh
Manufacturers Test Registers
BFh
BFh
0000 0000
0
RDTF
Remote Diode Temperature Filter
FEh
NA
0000 0001
1
RMID
Read Manufacturer's ID
FFh
NA
0001 0001
17
RDR
Read Stepping or Die Revision
Code
LOCAL and REMOTE TEMPERATURE REGISTERS (LT, RTHB, RTLB)
Table 2. LOCAL and REMOTE TEMPERATURE REGISTERS (LT, RTHB) (Read Only Address 00h, 01h):
BIT
D7
D6
D5
D4
D3
D2
D1
D0
Value
SIGN
64
32
16
8
4
2
1
For LT and RTHB D7–D0: Temperature Data. LSB = 1°C. Two's complement format.
Table 3. LOCAL and REMOTE TEMPERATURE REGISTERS (RTLB) (Read Only Address 10h):
BIT
D7
D6
D5
D4
D3
D2
D1
D0
Value
0.5
0.25
0.125
0
0
0
0
0
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com