Electronic Components Datasheet Search
  English  ▼

X  

LM86 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LM86
Description  짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor With Two-Wire Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM86 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM86 Datasheet HTML 11Page - Texas Instruments LM86 Datasheet HTML 12Page - Texas Instruments LM86 Datasheet HTML 13Page - Texas Instruments LM86 Datasheet HTML 14Page - Texas Instruments LM86 Datasheet HTML 15Page - Texas Instruments LM86 Datasheet HTML 16Page - Texas Instruments LM86 Datasheet HTML 17Page - Texas Instruments LM86 Datasheet HTML 18Page - Texas Instruments LM86 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
25
27
29
31
33
35
37
39
41
43
45
0
50
100
150
200
SAMPLE NUMBER
LM86
with
Filter On
LM86
with
Filter Off
LM86
www.ti.com
SNIS114E – DECEMBER 2001 – REVISED MARCH 2013
DIGITAL FILTER
In order to suppress erroneous remote temperature readings due to noise, the LM86 incorporates a user-
configured digital filter. The filter is accessed in the FILTER and ALERT CONFIGURE REGISTER at BFh. The
filter can be set according to the following table.
D2
D1
Filter
0
0
No Filter
0
1
Level 1
1
0
Level 1
1
1
Level 2
Level 2 sets maximum filtering.
Figure 12 depict the filter output to in response to a step input and an impulse input. Figure 13 depicts the digital
filter in use in a Pentium 4 processor system. Note that the two curves, with filter and without, have been
purposely offset so that both responses can be clearly seen. Inserting the filter does not induce an offset as
shown.
Figure 11. Filter Output Response to a Step Input
Figure 12. Filter Output Response to a Step Input
a) Step Response
b) Impulse Response
A.
The filter on and off curves were purposely offset to better show noise performance.
Figure 13. Digital Filter Response in a Pentium 4 processor System
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LM86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com