Electronic Components Datasheet Search
  English  ▼

X  

LM86 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # LM86
Description  짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor With Two-Wire Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM86 Datasheet(HTML) 26 Page - Texas Instruments

Back Button LM86 Datasheet HTML 22Page - Texas Instruments LM86 Datasheet HTML 23Page - Texas Instruments LM86 Datasheet HTML 24Page - Texas Instruments LM86 Datasheet HTML 25Page - Texas Instruments LM86 Datasheet HTML 26Page - Texas Instruments LM86 Datasheet HTML 27Page - Texas Instruments LM86 Datasheet HTML 28Page - Texas Instruments LM86 Datasheet HTML 29Page - Texas Instruments LM86 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
LM86
SNIS114E – DECEMBER 2001 – REVISED MARCH 2013
www.ti.com
DATA SHEET REVISION HISTORY
Date
Revision
4/2003
1.
Added improved guaranteed Temperature Error specification for the Remote Diode Readings of ±0.75ºC to page 1
and Electrical Characteristics.
2.
in DIE REVISION CODE REGISTER changed "21h" to "11hexadecimal or 17 decimal"
3.
Changed numbering of "Applications Hints" from "4." to "3."
4.
Added "Data Sheet Revision History" section.
3/2013
Changed layout of National Data Sheet to TI format
26
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: LM86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com