Electronic Components Datasheet Search
  English  ▼

X  

LM86 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LM86
Description  짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor With Two-Wire Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM86 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM86 Datasheet HTML 10Page - Texas Instruments LM86 Datasheet HTML 11Page - Texas Instruments LM86 Datasheet HTML 12Page - Texas Instruments LM86 Datasheet HTML 13Page - Texas Instruments LM86 Datasheet HTML 14Page - Texas Instruments LM86 Datasheet HTML 15Page - Texas Instruments LM86 Datasheet HTML 16Page - Texas Instruments LM86 Datasheet HTML 17Page - Texas Instruments LM86 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
LM86
SNIS114E – DECEMBER 2001 – REVISED MARCH 2013
www.ti.com
SMBus Timing Diagrams
Figure 8. (a) Serial Bus Write to the internal Command Register followed by a the Data Byte
Figure 9. (b) Serial Bus Write to the Internal Command Register
Figure 10. (c) Serial Bus Read from a Register with the Internal Command Register preset to desired
value
SERIAL INTERFACE RESET
In the event that the SMBus Master is RESET while the LM86 is transmitting on the SMBData line, the LM86
must be returned to a known state in the communication protocol. This may be done in one of two ways:
1. When SMBData is LOW, the LM86 SMBus state machine resets to the SMBus idle state if either SMBData
or SMBCLK are held low for more than 35ms (tTIMEOUT). Note that according to SMBus specification 2.0 all
devices are to timeout when either the SMBCLK or SMBData lines are held low for 25-35ms. Therefore, to
insure a timeout of all devices on the bus the SMBCLK or SMBData lines must be held low for at least 35ms.
2. When SMBData is HIGH, have the master initiate an SMBus start. The LM86 will respond properly to an
SMBus start condition at any point during the communication. After the start the LM86 will expect an SMBus
address byte.
14
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: LM86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com