Electronic Components Datasheet Search
  English  ▼

X  

LM5069 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM5069
Description  LM5069 Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5069 Datasheet(HTML) 4 Page - Texas Instruments

  LM5069 Datasheet HTML 1Page - Texas Instruments LM5069 Datasheet HTML 2Page - Texas Instruments LM5069 Datasheet HTML 3Page - Texas Instruments LM5069 Datasheet HTML 4Page - Texas Instruments LM5069 Datasheet HTML 5Page - Texas Instruments LM5069 Datasheet HTML 6Page - Texas Instruments LM5069 Datasheet HTML 7Page - Texas Instruments LM5069 Datasheet HTML 8Page - Texas Instruments LM5069 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LM5069
SNVS452D – SEPTEMBER 2006 – REVISED MAY 2013
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the junction temperature (TJ) range of -40°C
to +125°C. Minimum and Maximum limits are specified through test, design, or statistical correlation. Typical values represent
the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise stated the
following conditions apply: VIN = 48V.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
OVLODEL
OVLO delay
Delay to GATE high
55
µs
Delay to GATE low
11
OVLOBIAS
OVLO bias current
OVLO = 2.4V
1
µA
Power Limit (PWR pin)
PWRLIM-1
Power limit sense voltage (VIN-SENSE)
SENSE-OUT = 48V, RPWR = 150 kΩ
19
25
31
mV
PWRLIM-2
SENSE-OUT = 24V, RPWR = 75 kΩ
25
mV
IPWR
PWR pin current
VPWR = 2.5V
20
µA
Gate Control (GATE pin)
IGATE
Source current
Normal Operation, GATE-OUT = 5V
10
16
22
µA
Sink current
UVLO < 2.5V
1.75
2
2.6
mA
VIN - SENSE = 150 mV or VIN <
45
110
175
mA
PORIT, VGATE = 5V
VGATE
Gate output voltage in normal operation
GATE-OUT voltage
11.4
12
12.6
V
Current Limit
VCL
Threshold voltage
VIN-SENSE voltage
48.5
55
61.5
mV
tCL
Response time
VIN-SENSE stepped from 0 mV to
45
µs
80 mV
ISENSE
SENSE input current
Enabled, SENSE = OUT
23
µA
Disabled, OUT = 0V
60
Circuit Breaker
VCB
Threshold voltage
VIN - SENSE
80
105
130
mV
tCB
Response time
VIN - SENSE stepped from 0 mV to
0.44
1.2
µs
150 mV, time to GATE low, no load
Timer (TIMER pin)
VTMRH
Upper threshold
3.76
4
4.16
V
VTMRL
Lower threshold
Restart cycles (LM5069-2)
1.187
1.25
1.313
V
End of 8th cycle (LM5069-2)
0.3
V
Re-enable Threshold (LM5069-1)
0.3
V
ITIMER
Insertion time current
3
5.5
8
µA
Sink current, end of insertion time
TIMER pin = 2V
1.0
1.5
2.0
mA
Fault detection current
51
85
120
µA
Fault sink current
1.25
2.5
3.75
µA
DCFAULT
Fault Restart Duty Cycle
LM5069-2 only
0.5
%
tFAULT
Fault to GATE low delay
TIMER pin reaches 4.0V
12
µs
Power Good (PGD pin)
PGDTH
Threshold measured at SENSE-OUT
Decreasing
0.67
1.25
1.85
V
Increasing, relative to decreasing
0.95
1.25
1.55
threshold
PGDVOL
Output low voltage
ISINK = 2 mA
60
150
mV
PGDIOH
Off leakage current
VPGD = 80V
5
µA
4
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM5069



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com