Electronic Components Datasheet Search
  English  ▼

X  

LM5069 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM5069
Description  LM5069 Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5069 Datasheet(HTML) 1 Page - Texas Instruments

  LM5069 Datasheet HTML 1Page - Texas Instruments LM5069 Datasheet HTML 2Page - Texas Instruments LM5069 Datasheet HTML 3Page - Texas Instruments LM5069 Datasheet HTML 4Page - Texas Instruments LM5069 Datasheet HTML 5Page - Texas Instruments LM5069 Datasheet HTML 6Page - Texas Instruments LM5069 Datasheet HTML 7Page - Texas Instruments LM5069 Datasheet HTML 8Page - Texas Instruments LM5069 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
VSYS
VOUT
Power
Good
UVLO
OVLO
PWR
GND
TIMER
PGD
OUT
VIN
SENSE GATE
LM5069
LM5069
www.ti.com
SNVS452D – SEPTEMBER 2006 – REVISED MAY 2013
LM5069 Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
Check for Samples: LM5069
1
FEATURES
APPLICATIONS
2
•
Wide Operating Range: +9V to +80V
•
Server Backplane Systems
•
In-rush Current Limit for Safe Board Insertion
•
Base Station Power Distribution Systems
into Live Power Sources
•
Solid State Circuit Breaker
•
Programmable Maximum Power Dissipation in
•
24V/48V Industrial Systems
the External Pass Device
•
Adjustable Current Limit
PACKAGE
•
Circuit Breaker Function for Severe Over-
•
VSSOP-10
Current Events
DESCRIPTION
•
Internal High Side Charge Pump and Gate
Driver for External N-channel MOSFET
The LM5069 positive hot swap controller provides
intelligent control of the power supply connections
•
Adjustable Under-Voltage Lockout (UVLO) and
during insertion and removal of circuit cards from a
Hysteresis
live system backplane or other "hot" power sources.
•
Adjustable Over-Voltage Lockout (OVLO) and
The LM5069 provides in-rush current control to limit
Hysteresis
system voltage droop and transients. The current limit
and power dissipation in the external series pass N-
•
Initial Insertion Timer Allows Ringing and
Channel
MOSFET
are
programmable,
ensuring
Transients to Subside after System
operation within the Safe Operating Area (SOA). The
Connection
POWER GOOD output indicates when the output
•
Programmable Fault Timer Avoids Nuisance
voltage is within 1.25V of the input voltage. The input
Trips
under-voltage and over-voltage lockout levels and
•
Active High Open Drain POWER GOOD Output
hysteresis are programmable, as well as the initial
insertion delay time and fault detection time. The
•
Available in Latched Fault and Automatic
LM5069-1 latches off after a fault detection, while the
Restart Versions
LM5069-2 automatically restarts at a fixed duty cycle.
The LM5069 is available in a 10 pin VSSOP package.
TYPICAL APPLICATION
Figure 1. Positive Power Supply Control
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM5069

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5069 NSC-LM5069 Datasheet
1Mb / 22P
Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
LM5069 NSC-LM5069 Datasheet
1,006Kb / 22P
Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
LM5069 NSC-LM5069 Datasheet
335Kb / 8P
Output Voltage Clamping Using the LM5069 Hot Swap Controller
LM5069MM-1 NSC-LM5069MM-1 Datasheet
1,006Kb / 22P
Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
LM5069MM-2 NSC-LM5069MM-2 Datasheet
1,006Kb / 22P
Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
More results

Similar Description - LM5069

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5069 NSC-LM5069 Datasheet
1Mb / 22P
Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
LM5069 NSC-LM5069_08 Datasheet
1,006Kb / 22P
Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
LM25061 NSC-LM25061 Datasheet
602Kb / 22P
Positive Low Voltage Power Limiting Hot Swap Controller
LM25069 NSC-LM25069 Datasheet
617Kb / 24P
Positive Low Voltage Power Limiting Hot Swap Controller
LM5067 NSC-LM5067 Datasheet
768Kb / 24P
Negative Hot Swap / Inrush Current Controller with Power Limiting
logo
Texas Instruments
LM25069 TI1-LM25069_14 Datasheet
1Mb / 30P
Positive Low Voltage Power Limiting Hot Swap Controller
LM5067 TI1-LM5067_14 Datasheet
2Mb / 33P
Negative Hot Swap / Inrush Current Controller with Power Limiting
LM25061 TI1-LM25061 Datasheet
1Mb / 29P
Positive Low Voltage Power Limiting Hot Swap Controller
TPS2490 TI1-TPS2490_17 Datasheet
1Mb / 36P
Positive High-Voltage Power-Limiting Hot Swap Controller
LM5067 TI-LM5067_V01 Datasheet
4Mb / 49P
LM5067 Negative Hot Swap / Inrush Current Controller with Power Limiting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com