Electronic Components Datasheet Search
  English  ▼

X  

LM5069 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM5069
Description  LM5069 Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5069 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM5069 Datasheet HTML 8Page - Texas Instruments LM5069 Datasheet HTML 9Page - Texas Instruments LM5069 Datasheet HTML 10Page - Texas Instruments LM5069 Datasheet HTML 11Page - Texas Instruments LM5069 Datasheet HTML 12Page - Texas Instruments LM5069 Datasheet HTML 13Page - Texas Instruments LM5069 Datasheet HTML 14Page - Texas Instruments LM5069 Datasheet HTML 15Page - Texas Instruments LM5069 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
Charge
Pump
GATE
VIN
OUT
VSYS
VOUT
SENSE
RS
Q 1
12V
CL
2 mA
Gate
Control
16 PA
time
Insertion
OVLO/
UVLO/
Fault /
Power Limit
Control
Current Limit
/
230 mA
Initial Hold - down
Circuit Breaker /
LM5069
SNVS452D – SEPTEMBER 2006 – REVISED MAY 2013
www.ti.com
If the in-rush limiting condition persists such that the TIMER pin reached 4V during t2, the GATE pin is then
pulled low by the 2 mA pull-down current. The GATE pin is then held low until either a power up sequence is
initiated (LM5069-1), or until the end of the restart sequence (LM5069-2). See the Fault Timer & Restart section.
If the system input voltage falls below the UVLO threshold, or rises above the OVLO threshold, the GATE pin is
pulled low by the 2 mA pull-down current to switch off Q1.
Figure 25. Gate Control
Current Limit
The current limit threshold is reached when the voltage across the sense resistor RS (VIN to SENSE) reaches 55
mV. In the current limiting condition, the GATE voltage is controlled to limit the current in MOSFET Q1. While the
current limit circuit is active, the fault timer is active as described in the Fault Timer & Restart section. If the load
current falls below the current limit threshold before the end of the Fault Timeout Period, the LM5069 resumes
normal operation. For proper operation, the RS resistor value should be no larger than 100 mΩ.
Circuit Breaker
If the load current increases rapidly (e.g., the load is short-circuited) the current in the sense resistor (RS) may
exceed the current limit threshold before the current limit control loop is able to respond. If the current exceeds
twice the current limit threshold (105 mV/RS), Q1 is quickly switched off by the 230 mA pull-down current at the
GATE pin, and a Fault Timeout Period begins. When the voltage across RS falls below 105 mV the 230 mA pull-
down current at the GATE pin is switched off, and the gate voltage of Q1 is then determined by the current limit
or the power limit functions. If the TIMER pin reaches 4.0V before the current limiting or power limiting condition
ceases, Q1 is switched off by the 2 mA pull-down current at the GATE pin as described in the Fault Timer &
Restart section.
Power Limit
An important feature of the LM5069 is the MOSFET power limiting. The Power Limit function can be used to
maintain the maximum power dissipation of MOSFET Q1 within the device SOA rating. The LM5069 determines
the power dissipation in Q1 by monitoring its drain-source voltage (SENSE to OUT), and the drain current
through the sense resistor (VIN to SENSE). The product of the current and voltage is compared to the power
limit threshold programmed by the resistor at the PWR pin. If the power dissipation reaches the limiting threshold,
the GATE voltage is modulated to reduce the current in Q1. While the power limiting circuit is active, the fault
timer is active as described in the Fault Timer & Restart section.
12
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM5069



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com