Electronic Components Datasheet Search
  English  ▼

X  

LM5069 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM5069
Description  LM5069 Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5069 Datasheet(HTML) 2 Page - Texas Instruments

  LM5069 Datasheet HTML 1Page - Texas Instruments LM5069 Datasheet HTML 2Page - Texas Instruments LM5069 Datasheet HTML 3Page - Texas Instruments LM5069 Datasheet HTML 4Page - Texas Instruments LM5069 Datasheet HTML 5Page - Texas Instruments LM5069 Datasheet HTML 6Page - Texas Instruments LM5069 Datasheet HTML 7Page - Texas Instruments LM5069 Datasheet HTML 8Page - Texas Instruments LM5069 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
1
2
3
4
5
10
9
8
7
6
UVLO
OVLO
PWR
GND
TIMER
PGD
OUT
VIN
SENSE
GATE
LM5069
SNVS452D – SEPTEMBER 2006 – REVISED MAY 2013
www.ti.com
CONNECTION DIAGRAM
Figure 2. Top View
10-Lead VSSOP
PIN DESCRIPTIONS
Pin #
Name
Description
Applications Information
1
SENSE
Current sense input
The voltage across the current sense resistor (RS) is measured from VIN to this pin. If
the voltage across RS reaches 55mV the load current is limited and the fault timer
activates.
2
VIN
Positive supply input
A small ceramic bypass capacitor close to this pin is recommended to suppress
transients which occur when the load current is switched off.
3
UVLO
Under-voltage lockout
An external resistor divider from the system input voltage sets the under-voltage turn-
on threshold. An internal 21 µA current source provides hysteresis. The enable
threshold at the pin is 2.5V. This pin can also be used for remote shutdown control.
4
OVLO
Over-voltage lockout
An external resistor divider from the system input voltage sets the over-voltage turn-off
threshold. An internal 21 µA current source provides hysteresis. The disable threshold
at the pin is 2.5V.
5
GND
Circuit ground
6
TIMER
Timing capacitor
An external capacitor connected to this pin sets the insertion time delay and the Fault
Timeout Period. The capacitor also sets the restart timing of the LM5069-2.
7
PWR
Power limit set
An external resistor connected to this pin, in conjunction with the current sense resistor
(RS), sets the maximum power dissipation allowed in the external series pass
MOSFET.
8
PGD
Power Good indicator
An open drain output. When the external MOSFET VDS decreases below 1.25V, the
PGD indicator is active (high). When the external MOSFET VDS increases above 2.5V
the PGD indicator switches low.
9
OUT
Output feedback
Connect to the output rail (external MOSFET source). Internally used to determine the
MOSFET VDS voltage for power limiting, and to control the PGD indicator.
10
GATE
Gate drive output
Connect to the external MOSFET’s gate. This pin's voltage is typically 12V above the
OUT pin when enabled.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM5069



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com