Electronic Components Datasheet Search
  English  ▼

X  

LM5069 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM5069
Description  LM5069 Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5069 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM5069 Datasheet HTML 9Page - Texas Instruments LM5069 Datasheet HTML 10Page - Texas Instruments LM5069 Datasheet HTML 11Page - Texas Instruments LM5069 Datasheet HTML 12Page - Texas Instruments LM5069 Datasheet HTML 13Page - Texas Instruments LM5069 Datasheet HTML 14Page - Texas Instruments LM5069 Datasheet HTML 15Page - Texas Instruments LM5069 Datasheet HTML 16Page - Texas Instruments LM5069 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
I LIMIT
Load
Current
GATE
Pin
TIMER
Pin
1
2
3
7
8
2 mA
pulldown
2. 5 P A
Fault Timeout
Period
0.3V
Fault
Detection
t RESTART
1.25V
85 PA
4V
16 PA
Gate Charge
Restart
Control
VIN
VSYS
UVLO
OVLO
GND
R1
R2
R3
LM5069-1
LM5069
www.ti.com
SNVS452D – SEPTEMBER 2006 – REVISED MAY 2013
Fault Timer & Restart
When the current limit or power limit threshold is reached during turn-on or as a result of a fault condition, the
gate-to-source voltage of Q1 is modulated to regulate the load current and power dissipation. When either
limiting function is activated, an 85 µA fault timer current source charges the external capacitor (CT) at the
TIMER pin as shown in Figure 27 (Fault Timeout Period). If the fault condition subsides during the Fault Timeout
Period before the TIMER pin reaches 4.0V, the LM5069 returns to the normal operating mode and CT is
discharged by the 2.5 µA current sink. If the TIMER pin reaches 4.0V during the Fault Timeout Period, Q1 is
switched off by a 2 mA pull-down current at the GATE pin. The subsequent restart procedure then depends on
which version of the LM5069 is in use.
The LM5069-1 latches the GATE pin low at the end of the Fault Timeout Period. CT is then discharged to ground
by the 2.5 µA fault current sink. The GATE pin is held low by the 2 mA pull-down current until a power up
sequence is externally initiated by cycling the input voltage (VSYS), or momentarily pulling the UVLO pin below
2.5V with an open-collector or open-drain device as shown in Figure 26. The voltage at the TIMER pin must be
<0.3V for the restart procedure to be effective.
Figure 26. Latched Fault Restart Control
The LM5069-2 provides an automatic restart sequence which consists of the TIMER pin cycling between 4.0V
and 1.25V seven times after the Fault Timeout Period, as shown in Figure 27. The period of each cycle is
determined by the 85 µA charging current, and the 2.5 µA discharge current, and the value of the capacitor CT.
When the TIMER pin reaches 0.3V during the eighth high-to-low ramp, the 16 µA current source at the GATE pin
turns on Q1. If the fault condition is still present, the Fault Timeout Period and the restart cycle repeat.
Figure 27. Restart Sequence (LM5069-2)
Under-Voltage Lock-Out (UVLO)
The series pass MOSFET (Q1) is enabled when the input supply voltage (VSYS) is within the operating range
defined by the programmable under-voltage lockout (UVLO) and over-voltage lock-out (OVLO) levels. Typically
the UVLO level at VSYS is set with a resistor divider (R1-R3) as shown in Figure 22. When VSYS is below the
UVLO level, the internal 21 µA current source at UVLO is enabled, the current source at OVLO is off, and Q1 is
held off by the 2 mA pull-down current at the GATE pin. As VSYS is increased, raising the voltage at UVLO above
2.5V, the 21 µA current source at UVLO is switched off, increasing the voltage at UVLO, providing hysteresis for
this threshold. With the UVLO pin above 2.5V, Q1 is switched on by the 16 µA current source at the GATE pin if
the insertion time delay has expired (Figure 24). See the Applications Section for a procedure to calculate the
values of the threshold setting resistors (R1-R3). The minimum possible UVLO level at VSYS can be set by
connecting the UVLO pin to VIN. In this case Q1 is enabled when the VIN voltage reaches the POREN threshold.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM5069



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com