Electronic Components Datasheet Search
  English  ▼

X  

LM5069 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM5069
Description  LM5069 Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5069 Datasheet(HTML) 3 Page - Texas Instruments

  LM5069 Datasheet HTML 1Page - Texas Instruments LM5069 Datasheet HTML 2Page - Texas Instruments LM5069 Datasheet HTML 3Page - Texas Instruments LM5069 Datasheet HTML 4Page - Texas Instruments LM5069 Datasheet HTML 5Page - Texas Instruments LM5069 Datasheet HTML 6Page - Texas Instruments LM5069 Datasheet HTML 7Page - Texas Instruments LM5069 Datasheet HTML 8Page - Texas Instruments LM5069 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LM5069
www.ti.com
SNVS452D – SEPTEMBER 2006 – REVISED MAY 2013
ABSOLUTE MAXIMUM RATINGS
(1) (2)
VIN to GND (3)
-0.3V to 100V
SENSE, OUT, PGD to GND
-0.3V to 100V
GATE to GND (3)
-0.3V to 100V
UVLO to GND
-0.3V to 100V
OVLO to GND
-0.3V to 7V
VIN to SENSE
-0.3V to +0.3V
ESD Rating (4)
Human Body Model
2kV
Storage Temperature
-65°C to +150°C
Junction Temperature
+150°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but do not ensure specific performance limits. For ensured specifications and conditions
see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
The GATE pin voltage is typically 12V above VIN when the LM5069 is enabled. Therefore the Absolute Maximum Ratings for VIN
(100V) applies only when the LM5069 is disabled, or for a momentary surge to that voltage since the Absolute Maximum Rating for the
GATE pin is also 100V.
(4)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin.
OPERATING RATINGS
(1)
VIN Supply Voltage
+9.0V to 80V
PGD Off Voltage
0V to 80V
Junction Temp. Range
−40°C to +125°C
(1)
For detailed information on soldering plastic VSSOP packages refer to the SNOA549 available from Texas Instruments.
ELECTRICAL CHARACTERISTICS
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the junction temperature (TJ) range of -40°C
to +125°C. Minimum and Maximum limits are specified through test, design, or statistical correlation. Typical values represent
the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise stated the
following conditions apply: VIN = 48V.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Input (VIN pin)
IIN-EN
Input Current, enabled
UVLO > 2.5V and OVLO < 2.5V
1.3
1.6
mA
IIN-DIS
Input Current, disabled
UVLO <2.5V or OVLO >2.5V
480
650
µA
PORIT
Power On Reset threshold at VIN to trigger VIN Increasing
7.6
8.0
V
insertion timer
POREN
Power On Reset threshold at VIN to
VIN increasing
8.4
9.0
V
enable all functions
POREN-HYS
POREN hysteresis
VIN decreasing
90
mV
OUT pin
IOUT-EN
OUT bias current, enabled
OUT = VIN, Normal operation
11
µA
IOUT-DIS
OUT bias current, disabled (1)
Disabled, OUT = 0V, SENSE = VIN
50
UVLO, OVLO pins
UVLOTH
UVLO threshold
2.45
2.5
2.55
V
UVLOHYS
UVLO hysteresis current
UVLO = 1V
12
21
30
µA
UVLODEL
UVLO delay
Delay to GATE high
55
µs
Delay to GATE low
11
UVLOBIAS
UVLO bias current
UVLO = 48V
1
µA
OVLOTH
OVLO threshold
2.40
2.5
2.60
V
OVLOHYS
OVLO hysteresis current
OVLO = 2.6V
12
21
30
µA
(1)
OUT bias current (disabled) due to leakage current through an internal 1.0 M
Ω resistance from SENSE to VOUT.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM5069



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com