Electronic Components Datasheet Search
  English  ▼

X  

LM5069 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM5069
Description  LM5069 Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5069 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM5069 Datasheet HTML 12Page - Texas Instruments LM5069 Datasheet HTML 13Page - Texas Instruments LM5069 Datasheet HTML 14Page - Texas Instruments LM5069 Datasheet HTML 15Page - Texas Instruments LM5069 Datasheet HTML 16Page - Texas Instruments LM5069 Datasheet HTML 17Page - Texas Instruments LM5069 Datasheet HTML 18Page - Texas Instruments LM5069 Datasheet HTML 19Page - Texas Instruments LM5069 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
0
0
Drain Current
0
t1
0
0
t2
t3
a) Current Limit Only
VSYS
VDS
ILIM
IP
VGATE
VGSL
VTH
t ON
Source Voltage
-
to
Gate-
b) Power Limit and Current Limit
VDS
Drain Current
t ON
0
VSYS
ILIM
VGATE
VGSL
VTH
tON =
CL x VSYS
2
2 x PFET(LIM)
CL x PFET(LIM)
2 x ILIM
2
+
VIN
GND
PGD
OUT
Q1
GND
LM5069
V
SYS
CL
R L
RS
VIN
GND
PGD
OUT
Q1
GND
LM5069
V
SYS
CL
R L
RS
LM5069
SNVS452D – SEPTEMBER 2006 – REVISED MAY 2013
www.ti.com
where RL is the load resistance. The Fault Timeout Period must be set longer than tON to prevent a fault
shutdown before the turn-on sequence is complete.
Figure 30. No Load Current During Turn-On
Figure 31. Load Draws Current During Turn-On
B) Turn-on with power limit and current limit: The maximum allowed power dissipation in Q1 (PFET(LIM)) is
defined by the resistor at the PWR pin, and the current sense resistor RS. See the Power Limit Threshold
section. If the current limit threshold (ILIM) is higher than the current defined by the power limit threshold at
maximum VDS (PFET(LIM)/VSYS) the circuit operates initially at the power limit mode when the VDS of Q1 is high,
and then transitions to current limit mode as the current increases to ILIM and VDS decreases. See Figure 32ab.
Assuming the load (RL) is not connected during turn-on, the time for the output voltage to reach its final value is
approximately equal to:
For example, if VSYS = 48V, CL = 1000 µF, ILIM = 1A, and PFET(LIM) = 20W, tON calculates to ≊68 ms, and the initial
current level (IP) is approximately 0.42A. The Fault Timeout Period must be set longer than tON.
Figure 32. MOSFET Power Up Waveforms
16
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM5069



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com