Electronic Components Datasheet Search
  English  ▼

X  

LM5069 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LM5069
Description  LM5069 Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5069 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM5069 Datasheet HTML 15Page - Texas Instruments LM5069 Datasheet HTML 16Page - Texas Instruments LM5069 Datasheet HTML 17Page - Texas Instruments LM5069 Datasheet HTML 18Page - Texas Instruments LM5069 Datasheet HTML 19Page - Texas Instruments LM5069 Datasheet HTML 20Page - Texas Instruments LM5069 Datasheet HTML 21Page - Texas Instruments LM5069 Datasheet HTML 22Page - Texas Instruments LM5069 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
R4 =
(VOVH - 2.5V)
2.5V x R3
R3 =
VOVH - VOVL
21 PA
=
VOV(HYS)
21 PA
R2 =
(VUVL - 2.5V)
2.5V x R1
R1 =
VUVH - VUVL
21 PA
=
VUV(HYS)
21 PA
VIN
UVLO
OVLO
GND
R3
R2
R1
TIMER AND GATE
LOGIC CONTROL
LM5069
21 PA
21 PA
2.5V
2.5V
VSYS
R4
VOVL = [(R1 + R2) x (2.5V) - 21 PA)] + 2.5V
R3
VOVH =
2.5V x (R1 + R2 + R3)
R3
VUVL =
2.5V x (R1 + R2 + R3)
R2 + R3
VUVH = 2.5V + [R1 x (21 PA +
(R2 + R3)
2.5V
)]
R2 =
2.5V x 190.5 k:
(32V - 2.5V)
- 8.61 k: = 7.53 k:
LM5069
www.ti.com
SNVS452D – SEPTEMBER 2006 – REVISED MAY 2013
The lower OVLO threshold calculates to 55.8V, and the OVLO hysteresis is 4.2V. Note that the OVLO hysteresis
is always slightly greater than the UVLO hysteresis in this configuration. When the R1-R3 resistor values are
known, the threshold voltages and hysteresis are calculated from the following:
VUV(HYS) = R1 x 21 µA
VOV(HYS) = (R1 + R2) x 21 µA
Option B: If all four thresholds must be accurately defined, the configuration in Figure 34 can be used.
Figure 34. Programming the Four Thresholds
The four resistor values are calculated as follows:
- Choose the upper and lower UVLO thresholds (VUVH) and (VUVL).
-Choose the upper and lower OVLO threshold (VOVH) and (VOVL).
As an example, assume the application requires the following thresholds: VUVH = 22V, VUVL = 17V, VOVH = 60V,
and VOVL = 58V. Therefore VUV(HYS) = 5V, and VOV(HYS) = 2V. The resistor values are:
R1 = 238 k
Ω, R2 = 41 kΩ
R3 = 95.2 k
Ω, R4 = 4.14 kΩ
Where the R1-R4 resistor values are known, the threshold voltages and hysteresis are calculated from the
following:
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM5069



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com