Electronic Components Datasheet Search
  English  ▼

X  

AD9776-EB Datasheet(PDF) 14 Page - Analog Devices

Part # AD9776-EB
Description  Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9776-EB Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9776-EB Datasheet HTML 10Page - Analog Devices AD9776-EB Datasheet HTML 11Page - Analog Devices AD9776-EB Datasheet HTML 12Page - Analog Devices AD9776-EB Datasheet HTML 13Page - Analog Devices AD9776-EB Datasheet HTML 14Page - Analog Devices AD9776-EB Datasheet HTML 15Page - Analog Devices AD9776-EB Datasheet HTML 16Page - Analog Devices AD9776-EB Datasheet HTML 17Page - Analog Devices AD9776-EB Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 56 page
background image
AD9776/AD9778/AD9779
Rev. A | Page 14 of 56
Pin
No.
Mnemonic
Description
43
DVDD18
1.8 V Digital Supply.
44
DGND
Digital Common.
45
P2D<12>
Port 2, Data Input D12.
46
P2D<11>
Port 2, Data Input D11.
47
P2D<10>
Port 2, Data Input D10.
48
P2D<9>
Port 2, Data Input D9.
49
P2D<8>
Port 2, Data Input D8.
50
P2D<7>
Port 2, Data Input D7.
51
P2D<6>
Port 2, Data Input D6.
52
P2D<5>
Port 2, Data Input D5.
53
DVDD18
1.8 V Digital Supply.
54
DGND
Digital Common.
55
P2D<4>
Port 2, Data Input D4.
56
P2D<3>
Port 2, Data Input D3.
57
P2D<2>
Port 2, Data Input D2.
58
P2D<1>
Port 2, Data Input D1.
59
P2D<0>
Port 2, Data Input D0 (LSB).
60
DVDD18
1.8 V Digital Supply.
61
DVDD33
3.3 V Digital Supply.
62
SYNC_O−
Differential Synchronization Output.
63
SYNC_O+
Differential Synchronization Output.
64
DGND
Digital Common.
65
PLL_LOCK
PLL Lock Indicator.
66
SPI_SDO
SPI Port Data Output.
67
SPI_SDIO
SPI Port Data Input/Output.
68
SCLK
SPI Port Clock.
69
SPI_CSB
SPI Port Chip Select Bar.
70
RESET
Reset, Active High.
71
IRQ
Interrupt Request.
72
AGND
Analog Common.
73
IPTAT
Factory Test Pin. Output current is
proportional to absolute temperature,
approximately 10 μA at 25°C with
approximately 20 nA/°C slope. This pin
should remain floating.
Pin
No.
Mnemonic
Description
74
VREF
Voltage Reference Output.
75
I120
120 μA Reference Current.
76
AVDD33
3.3 V Analog Supply.
77
AGND
Analog Common.
78
AVDD33
3.3 V Analog Supply.
79
AGND
Analog Common.
80
AVDD33
3.3 V Analog Supply.
81
AGND
Analog Common.
82
AGND
Analog Common.
83
OUT2_P
Differential DAC Current Output,
Channel 2.
84
OUT2_N
Differential DAC Current Output,
Channel 2.
85
AGND
Analog Common.
86
AUX2_P
Auxiliary DAC Current Output, Channel 2.
87
AUX2_N
Auxiliary DAC Current Output, Channel 2.
88
AGND
Analog Common.
89
AUX1_N
Auxiliary DAC Current Output, Channel 1.
90
AUX1_P
Auxiliary DAC Current Output, Channel 1.
91
AGND
Analog Common.
92
OUT1_N
Differential DAC Current Output,
Channel 1.
93
OUT1_P
Differential DAC Current Output,
Channel 1.
94
AGND
Analog Common.
95
AGND
Analog Common.
96
AVDD33
3.3 V Analog Supply.
97
AGND
Analog Common.
98
AVDD33
3.3 V Analog Supply.
99
AGND
Analog Common.
100
AVDD33
3.3 V Analog Supply.
1 The combined differential clock input at the CLK+ and CLK– pins are referred
to as REFCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com