Electronic Components Datasheet Search
  English  ▼

X  

AD9776-EB Datasheet(PDF) 30 Page - Analog Devices

Part # AD9776-EB
Description  Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9776-EB Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9776-EB Datasheet HTML 26Page - Analog Devices AD9776-EB Datasheet HTML 27Page - Analog Devices AD9776-EB Datasheet HTML 28Page - Analog Devices AD9776-EB Datasheet HTML 29Page - Analog Devices AD9776-EB Datasheet HTML 30Page - Analog Devices AD9776-EB Datasheet HTML 31Page - Analog Devices AD9776-EB Datasheet HTML 32Page - Analog Devices AD9776-EB Datasheet HTML 33Page - Analog Devices AD9776-EB Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 56 page
background image
AD9776/AD9778/AD9779
Rev. A | Page 30 of 56
Address
Register Name
Reg. No.
Bits
Description
Function
Default
Q DAC Control Register
0F
7:0
Q DAC gain adjustment
(7:0) LSB slice of 10-bit gain setting word for
Q DAC
11111001
10
7
Q DAC sleep
0: Q DAC on
0
1: Q DAC off
10
6
Q DAC power-down
0: Q DAC on
0
1: Q DAC off
10
1:0
Q DAC gain adjustment
(9:8) MSB slice of 10-bit gain setting word
for Q DAC
11
7:0
Aux DAC2 gain adjustment
(7:0) LSB slice of 10-bit gain setting word for
Aux DAC2
00000000
12
7
Aux DAC2 sign
0: positive
1: negative
12
6
Aux DAC2 current direction
0: source
0
1: sink
12
5
Aux DAC2 power-down
0: Aux DAC2 on
0
1: Aux DAC2 off
Aux DAC2 Control
Register
12
1:0
Aux DAC2 gain adjustment
(9:8) MSB slice of 10-bit gain setting word
for Aux DAC2
00
Interrupt Register
19
7
0
19
6
Sync delay IRQ
Readback, must write 0 to clear
0
19
5
0
19
3
0
19
2
Sync delay IRQ enable
0
19
1
0
19
0
Internal sync loopback
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com