Electronic Components Datasheet Search
  English  ▼

X  

AD9776-EB Datasheet(PDF) 15 Page - Analog Devices

Part # AD9776-EB
Description  Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9776-EB Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9776-EB Datasheet HTML 11Page - Analog Devices AD9776-EB Datasheet HTML 12Page - Analog Devices AD9776-EB Datasheet HTML 13Page - Analog Devices AD9776-EB Datasheet HTML 14Page - Analog Devices AD9776-EB Datasheet HTML 15Page - Analog Devices AD9776-EB Datasheet HTML 16Page - Analog Devices AD9776-EB Datasheet HTML 17Page - Analog Devices AD9776-EB Datasheet HTML 18Page - Analog Devices AD9776-EB Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 56 page
background image
AD9776/AD9778/AD9779
Rev. A | Page 15 of 56
TYPICAL PERFORMANCE CHARACTERISTICS
4
–6
0
CODE
3
2
1
0
–1
–2
–3
–4
–5
10k
20k
30k
60k
50k
40k
Figure 6. AD9779 Typical INL
1.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
0
60k
50k
40k
30k
20k
10k
CODE
Figure 7. AD9779 Typical DNL
100
50
0
100
fOUT (MHz)
90
80
70
60
20
40
60
80
fDATA = 160MSPS
fDATA = 200MSPS
fDATA = 250MSPS
Figure 8. AD9779 In-Band SFDR vs. fOUT, 1x Interpolation
100
50
0
100
fOUT (MHz)
90
80
70
60
20
40
60
80
fDATA = 160MSPS
fDATA = 200MSPS
fDATA = 250MSPS
Figure 9. AD9779 In-Band SFDR vs. fOUT, 2× Interpolation
100
50
0
100
fOUT (MHz)
90
80
70
60
20
40
60
80
fDATA = 100MSPS
fDATA = 200MSPS
fDATA = 150MSPS
Figure 10. AD9779 In-Band SFDR vs. fOUT, 4× Interpolation
100
50
0
50
fOUT (MHz)
90
80
70
60
10
20
30
40
fDATA = 50MSPS
fDATA = 100MSPS
fDATA = 125MSPS
Figure 11. AD9779 In-Band SFDR vs. fOUT, 8× Interpolation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com