Electronic Components Datasheet Search
  English  ▼

X  

AD9776-EB Datasheet(PDF) 31 Page - Analog Devices

Part # AD9776-EB
Description  Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9776-EB Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9776-EB Datasheet HTML 27Page - Analog Devices AD9776-EB Datasheet HTML 28Page - Analog Devices AD9776-EB Datasheet HTML 29Page - Analog Devices AD9776-EB Datasheet HTML 30Page - Analog Devices AD9776-EB Datasheet HTML 31Page - Analog Devices AD9776-EB Datasheet HTML 32Page - Analog Devices AD9776-EB Datasheet HTML 33Page - Analog Devices AD9776-EB Datasheet HTML 34Page - Analog Devices AD9776-EB Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 56 page
background image
AD9776/AD9778/AD9779
Rev. A | Page 31 of 56
INTERPOLATION FILTER ARCHITECTURE
The AD9776/AD9778/AD9779 can provide up to 8× interpola-
tion, or the interpolation filters can be entirely disabled. It is
important to note that the input signal should be backed off by
approximately 0.01 dB from full scale to avoid overflowing the
interpolation filters. The coefficients of the low-pass filters and
the inverse sinc filter are given in Table 13, Table 14, Table 15,
and Table 16. Spectral plots for the filter responses are shown in
Figure 57, Figure 58, and Figure 59.
Table 13. Half-Band Filter 1
Lower Coefficient
Upper Coefficient
Integer Value
H(1)
H(55)
−4
H(2)
H(54)
0
H(3)
H(53)
+13
H(4)
H(52)
0
H(5)
H(51)
−34
H(6)
H(50)
0
H(7)
H(49)
+72
H(8)
H(48)
0
H(9)
H(47)
−138
H(10)
H(46)
0
H(11)
H(45)
+245
H(12)
H(44)
0
H(13)
H(43)
−408
H(14)
H(42)
0
H(15)
H(41)
+650
H(16)
H(40)
0
H(17)
H(39)
−1003
H(18)
H(38)
0
H(19)
H(37)
+1521
H(20)
H(36)
0
H(21)
H(35)
−2315
H(22)
H(34)
0
H(23)
H(33)
+3671
H(24)
H(32)
0
H(25)
H(31)
−6642
H(26)
H(30)
0
H(27)
H(29)
+20,755
H(28)
+32,768
Table 14. Half-Band Filter 2
Lower Coefficient
Upper Coefficient
Integer Value
H(1)
H(23)
−2
H(2)
H(22)
0
H(3)
H(21)
+17
H(4)
H(20)
0
H(5)
H(19)
−75
H(6)
H(18)
0
H(7)
H(17)
+238
H(8)
H(16)
0
H(9)
H(15)
−660
H(10)
H(14)
0
H(11)
H(13)
+2530
H(12)
+4096
Table 15. Half-Band Filter 3
Lower Coefficient
Upper Coefficient
Integer Value
H(1)
H(15)
−39
H(2)
H(14)
0
H(3)
H(13)
+273
H(4)
H(12)
0
H(5)
H(11)
−1102
H(6)
H(10)
0
H(7)
H(9)
+4964
H(8)
+8192
Table 16. Inverse Sinc Filter
Lower Coefficient
Upper Coefficient
Integer Value
H(1)
H(9)
+2
H(2)
H(8)
−4
H(3)
H(7)
+10
H(4)
H(6)
−35
H(5)
+401
10
–100
–4
4
fOUT (× Input Data Rate)
–3
–2
–1
0123
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
Figure 57. 2× Interpolation, Low-Pass Response to ±4× Input Data Rate
(Dotted Lines Indicate 1 dB Roll-Off)
10
–100
–4
4
fOUT (× Input Data Rate)
–3
–2
–1
0123
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
Figure 58. 4× Interpolation, Low-Pass Response to ±4× Input Data Rate
(Dotted Lines Indicate 1 dB Roll-Off)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com