Electronic Components Datasheet Search
  English  ▼

X  

AD9776-EB Datasheet(PDF) 25 Page - Analog Devices

Part # AD9776-EB
Description  Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9776-EB Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9776-EB Datasheet HTML 21Page - Analog Devices AD9776-EB Datasheet HTML 22Page - Analog Devices AD9776-EB Datasheet HTML 23Page - Analog Devices AD9776-EB Datasheet HTML 24Page - Analog Devices AD9776-EB Datasheet HTML 25Page - Analog Devices AD9776-EB Datasheet HTML 26Page - Analog Devices AD9776-EB Datasheet HTML 27Page - Analog Devices AD9776-EB Datasheet HTML 28Page - Analog Devices AD9776-EB Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 56 page
background image
AD9776/AD9778/AD9779
Rev. A | Page 25 of 56
THEORY OF OPERATION
The AD9776/AD9778/AD9779 combine many features that
make them very attractive DACs for wired and wireless
communications systems. The dual digital signal path and
dual DAC structure allow an easy interface with common
quadrature modulators when designing single sideband
transmitters. The speed and performance of the parts allow
wider bandwidths and more carriers to be synthesized than
in previously available DACs. The digital engine uses a break-
through filter architecture that combines the interpolation with
a digital quadrature modulator. This allows the parts to conduct
digital quadrature frequency upconversion. They also have
features that allow simplified synchronization with incoming
data and between multiple parts.
The serial port configuration is controlled by Register 0x00,
Bits<6:7>. It is important to note that the configuration changes
immediately upon writing to the last bit of the byte. For multi-
byte transfers, writing to this register can occur during the
middle of a communication cycle. Care must be taken to
compensate for this new configuration for the remaining bytes
of the current communication cycle.
The same considerations apply to setting the software reset,
RESET (Register 0x00, Bit 5) or pulling the RESET pin (Pin 70)
high. All registers are set to their default values, except
Register 0x00 and Register 0x04, which remain unchanged.
Use of only single-byte transfers when changing serial port
configurations or initiating a software reset is recommended to
prevent unexpected device behavior.
As described in this section, all serial port data is transferred
to/from the device in synchronization to the SCLK pin. If
synchronization is lost, the device has the ability to asynchro-
nously terminate an I/O operation, putting the serial port
controller into a known state and, thereby, regaining
synchronization.
SERIAL PERIPHERAL INTERFACE
SPI_SDO
SPI
PORT
66
SPI_SDI 67
SPI_SCLK 68
SPI_CSB 69
Figure 52. SPI Port
The serial port is a flexible, synchronous serial communications
port allowing easy interface to many industry-standard micro-
controllers and microprocessors. The serial I/O is compatible
with most synchronous transfer formats, including both the
Motorola SPI
® and Intel® SSR protocols. The interface allows
read/write access to all registers that configure the AD9776/
AD9778/AD9779. Single or multiple byte transfers are sup-
ported, as well as MSB-first or LSB-first transfer formats. The
serial interface ports can be configured as a single pin I/O (SDIO)
or two unidirectional pins for input/output (SDIO/SDO).
General Operation of the Serial Interface
There are two phases to a communication cycle with the
AD977x. Phase 1 is the instruction cycle (the writing of an
instruction byte into the device), coincident with the first eight
SCLK rising edges. The instruction byte provides the serial port
controller with information regarding the data transfer cycle,
Phase 2 of the communication cycle. The Phase 1 instruction
byte defines whether the upcoming data transfer is a read or
write, the number of bytes in the data transfer, and the starting
register address for the first byte of the data transfer. The first
eight SCLK rising edges of each communication cycle are used
to write the instruction byte into the device.
A logic high on the CSB pin followed by a logic low resets the
SPI port timing to the initial state of the instruction cycle.
From this state, the next eight rising SCLK edges represent the
instruction bits of the current I/O operation, regardless of the
state of the internal registers or the other signal levels at the
inputs to the SPI port. If the SPI port is in an instruction cycle
or a data transfer cycle, none of the present data is written.
The remaining SCLK edges are for Phase 2 of the communica-
tion cycle. Phase 2 is the actual data transfer between the device
and the system controller. Phase 2 of the communication cycle
is a transfer of one, two, three, or four data bytes as determined
by the instruction byte. Using one multibyte transfer is preferred.
Single-byte data transfers are useful in reducing CPU overhead
when register access requires only one byte. Registers change
immediately upon writing to the last bit of each transfer byte.
Instruction Byte
The instruction byte contains the information shown in
Table 9.
Table 9. SPI Instruction Byte
MSB
LSB
I7
I6
I5
I4
I3
I2
I1
I0
R/W
N1
N0
A4
A3
A2
A1
A0
R/W, Bit 7 of the instruction byte, determines whether a read or
a write data transfer occurs after the instruction byte write.
Logic high indicates a read operation. Logic 0 indicates a write
operation.
N1 and N0, Bit 6 and Bit 5 of the instruction byte, determine
the number of bytes to be transferred during the data transfer
cycle. The bit decodes are listed in Table 10.
A4, A3, A2, A1, and A0—Bit 4, Bit 3, Bit 2, Bit 1, and Bit 0, respec-
tively, of the instruction byte determine the register that is accessed
during the data transfer portion of the communication cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com