Electronic Components Datasheet Search
  English  ▼

X  

AD9776-EB Datasheet(PDF) 20 Page - Analog Devices

Part # AD9776-EB
Description  Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9776-EB Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9776-EB Datasheet HTML 16Page - Analog Devices AD9776-EB Datasheet HTML 17Page - Analog Devices AD9776-EB Datasheet HTML 18Page - Analog Devices AD9776-EB Datasheet HTML 19Page - Analog Devices AD9776-EB Datasheet HTML 20Page - Analog Devices AD9776-EB Datasheet HTML 21Page - Analog Devices AD9776-EB Datasheet HTML 22Page - Analog Devices AD9776-EB Datasheet HTML 23Page - Analog Devices AD9776-EB Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 56 page
background image
AD9776/AD9778/AD9779
Rev. A | Page 20 of 56
SPAN 50MHz
SWEEP 162.2ms (601 pts)
VBW 300kHz
CENTER 143.88MHz
*RES BW 30kHz
RMS RESULTS
CARRIER POWER
–12.49dBm/
3.84000MHz
FREQ OFFSET
5.000MHz
10.00MHz
15.00MHz
REF BW
3.840MHz
3.840MHz
3.840MHz
dBc
–76.75
–80.94
–79.95
dBm
–89.23
–93.43
–92.44
LOWER
dBc
–77.42
–80.47
–78.96
dBm
–89.91
–92.96
–91.45
UPPER
REF –25.28dBm
*AVG
Log
10dB/
PAVG
10
W1 S2
*ATTEN 4dB
EXT REF
Figure 34. AD9779 WCDMA Signal, 4× Interpolation,
fDATA =122.88 MSPS, fDAC/4 Modulation
SPAN 50MHz
SWEEP 162.2ms (601 pts)
VBW 300kHz
CENTER 151.38MHz
*RES BW 30kHz
1 –17.87dBm
2 –20.65dBm
3 –18.26dBm
4 –18.23dBm
TOTAL CARRIER POWER –12.61dBm/15.3600MHz
REF CARRIER POWER –17.87dBm/3.84000MHz
FREQ OFFSET
5.000MHz
10.00MHz
15.00MHz
INTEG BW
3.840MHz
3.840MHz
3.840MHz
dBc
–67.70
–70.00
–71.65
dBm
–85.57
–97.87
–99.52
LOWER
dBc
–67.70
–69.32
–71.00
dBm
–85.57
–87.19
–88.88
UPPER
REF –30.28dBm
*AVG
Log
10dB/
PAVG
10
W1 S2
*ATTEN 4dB
EXT REF
Figure 35. AD9779 Multicarrier WCDMA Signal, 4× Interpolation,
fDAC =122.88 MSPS, fDAC/4 Modulation
1.5
0
CODE
10k
1.0
0.5
0
–0.5
–1.0
–1.5
2k
4k
6k
8k
Figure 36. AD9778 Typical INL
0.6
0
CODE
–0.2
–1.0
16k
14k
12k
10k
8k
6k
4k
2k
0.4
0.2
0
–0.4
–0.6
–0.8
Figure 37. AD9778 Typical DNL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com