Electronic Components Datasheet Search
  English  ▼

X  

AD9776-EB Datasheet(PDF) 28 Page - Analog Devices

Part # AD9776-EB
Description  Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9776-EB Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9776-EB Datasheet HTML 24Page - Analog Devices AD9776-EB Datasheet HTML 25Page - Analog Devices AD9776-EB Datasheet HTML 26Page - Analog Devices AD9776-EB Datasheet HTML 27Page - Analog Devices AD9776-EB Datasheet HTML 28Page - Analog Devices AD9776-EB Datasheet HTML 29Page - Analog Devices AD9776-EB Datasheet HTML 30Page - Analog Devices AD9776-EB Datasheet HTML 31Page - Analog Devices AD9776-EB Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
AD9776/AD9778/AD9779
Rev. A | Page 28 of 56
Table 12. SPI Register Description
Address
Register Name
Reg. No.
Bits
Description
Function
Default
Comm Register
00
7
SDIO bidirectional
0: use SDIO pin as input data only
0
1: use SDIO as both input and output data
00
6
LSB/MSB first
0: first bit of serial data is MSB of data byte
0
1: first bit of serial data is LSB of data byte
00
5
Software reset
Bit must be written with a 1, then 0 to soft
reset SPI register map
0
00
4
Power-down mode
0: all circuitry is active
1: disable all digital and analog circuitry,
only SPI port is active
00
3
Auto power-down enable
Controls auto power-down mode, see the
Power-Down and Sleep Modes section
0
00
1
PLL lock (read only)
0: PLL is not locked
1: PLL is locked
0
Digital Control Register
01
7:6
Filter interpolation factor
00: 1× interpolation
00
01: 2× interpolation
10: 4× interpolation
11: 8× interpolation
01
5:2
Filter modulation mode
See Table 21 for filter modes
0000
01
0
Zero stuffing
0: zero stuffing off
0
1: zero stuffing on
02
7
Data format
0: signed binary
0
1: unsigned binary
02
6
Dual/interleaved data bus mode
0: both input data ports receive data
0
1: Data Port 1 only receives data
02
5
Real mode
0: enable Q path for signal processing
0
1: disable Q path data (internal Q channel
clocks disabled, I and Q modulators
disabled)
02
4
DATACLK delay enable
See the Using Data Delay to Meet Timing
Requirements section.
02
3
Inverse sinc enable
0: inverse sinc filter disabled
0
1: inverse sinc filter enabled
02
2
DATACLK invert
0: output DATACLK same phase as internal
capture clock
0
1: output DATACLK opposite phase as
internal capture clock
02
1
TxEnable invert
Inverts the function of TxEnable Pin 39, see
the Interleaved Data Mode section
0
02
0
Q first
0: first byte of data is always I data at
beginning of transmit
1: first byte of data is always Q data at
beginning of transmit
Sync Control Register
03
7:6
Data clock delay mode
00: manual
00
03
5:4
Extra data clock divide ratio
Data clock output divider (see Table 22 for
divider ratio)
00
03
3:0
Reserved
000
04
7:4
Data clock delay
Sets delay of REFCLK in to DATACLK out
0000
04
3:1
Output sync pulse divide
Sets frequency of SYNC_O pulses
000
04
0
Sync out delay
Sync output delay, Bit 4
05
7:4
Sync out delay
Sync output delay, Bits<3:0>
0
05
3:1
Input sync pulse frequency
Input sync pulse frequency divider, see the
AN-822 application note
000
05
0
Sync input delay
Sync input delay, Bit 4
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com