Electronic Components Datasheet Search
  English  ▼

X  

AD9776-EB Datasheet(PDF) 29 Page - Analog Devices

Part # AD9776-EB
Description  Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9776-EB Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9776-EB Datasheet HTML 25Page - Analog Devices AD9776-EB Datasheet HTML 26Page - Analog Devices AD9776-EB Datasheet HTML 27Page - Analog Devices AD9776-EB Datasheet HTML 28Page - Analog Devices AD9776-EB Datasheet HTML 29Page - Analog Devices AD9776-EB Datasheet HTML 30Page - Analog Devices AD9776-EB Datasheet HTML 31Page - Analog Devices AD9776-EB Datasheet HTML 32Page - Analog Devices AD9776-EB Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
AD9776/AD9778/AD9779
Rev. A | Page 29 of 56
Address
Register Name
Reg. No.
Bits
Description
Function
Default
Sync Control Register
06
7:4
Sync input delay
See the Multiple DAC Synchronization
section for details on using these registers
to synchronize multiple DACs
0
06
3:0
Input sync pulse timing error
tolerance
0
07
7
Sync receiver enable
0
07
6
Sync driver enable
0
07
5
Sync triggering edge
0
07
4:0
SYNC_I to input data sampling
clock offset
0
PLL Control
08
7:2
PLL band select
VCO frequency range vs. PLL band select
value (see Table 18)
111001
08
1:0
VCO AGC gain control
Lower number (low gain) is generally better
for performance
11
09
7
PLL enable
0: PLL off, DAC rate clock supplied by
outside source
0
1: PLL on, DAC rate clock synthesized
internally from external reference clock via
PLL clock multiplier
09
6:5
PLL VCO divide ratio
FVCO/fDAC
00 × 1
01 × 2
10 × 4
11 × 8
09
4:3
PLL loop divide ratio
fDAC/fREF
00 × 2
01 × 4
10 × 8
11 × 16
09
2:0
PLL bias setting
Always set to 010
010
0A
7:5
PLL control voltage range
000 to 111, proportional to voltage at PLL
loop filter output, readback only
Misc Control
0A
4:0
PLL loop bandwidth adjustment
See PLL Loop Filter Bandwidth section for
details
I DAC Control Register
0B
7:0
I DAC gain adjustment
(7:0) LSB slice of 10-bit gain setting word
for I DAC
11111001
0C
7
I DAC sleep
0: I DAC on
0
1: I DAC off
0C
6
I DAC power-down
0: I DAC on
0
1: I DAC off
0C
1:0
I DAC gain adjustment
(9:8) MSB slice of 10-bit gain setting word
for I DAC
01
0D
7:0
Aux DAC1 gain adjustment
(7:0) LSB slice of 10-bit gain setting word for
Aux DAC1
00000000
0E
7
Aux DAC1 sign
0: positive
1: negative
0E
6
Aux DAC1 current direction
0: source
0
1: sink
0E
5
Aux DAC1 power-down
0: Aux DAC1 on
0
1: Aux DAC1 off
Aux DAC1 Control
Register
0E
1:0
Aux DAC1 gain adjustment
(9:8) MSB slice of 10-bit gain setting word
for Aux DAC1
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com