Electronic Components Datasheet Search
  English  ▼

X  

TAS5558 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5558
Description  8-Channel HD Compatible Audio Processor with ASRC and PWM Output
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5558 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TAS5558 Datasheet HTML 45Page - Texas Instruments TAS5558 Datasheet HTML 46Page - Texas Instruments TAS5558 Datasheet HTML 47Page - Texas Instruments TAS5558 Datasheet HTML 48Page - Texas Instruments TAS5558 Datasheet HTML 49Page - Texas Instruments TAS5558 Datasheet HTML 50Page - Texas Instruments TAS5558 Datasheet HTML 51Page - Texas Instruments TAS5558 Datasheet HTML 52Page - Texas Instruments TAS5558 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 122 page
background image
TAS5558
www.ti.com
SLES273A – APRIL 2013 – REVISED JUNE 2013
7
Electrical Specifications
7.1
Absolute Maximum Ratings
(1)
Supply voltage, DVDD1 and DVDD2
–0.3 V to 3.9 V
Supply voltage, AVDD and AVDD_PWM
–0.3 V to 3.9 V
3.3-V digital input
–0.5 V to DVDD + 0.5 V
Input voltage
5-V tolerant(2) digital input
–0.5 V to 6 V
IIK
Input clamp current (VI < 0 or VI > 1.8 V
±20
μA
IOK
Output clamp current (VO < 0 or VO > 1.8 V)
±20
μA
TA
Operating free-air temperature
0°C to 85°C
Tstg
Storage temperature range
–65°C to 150°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only. Functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions are not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
5-V tolerant signals are RESET, PDN, MUTE, HP_SEL, SCLK, LRCLK, MCLK, SDIN1, SDIN2, SDIN3, SDIN4, SDA, and SCL.
7.2
Dissipation Rating Table (High-k Board, 115 °C Junction)
TA ≤ 25°C
DERATING FACTOR
TA = 85°C
PACKAGE
POWER RATING
ABOVE TA = 25°C
POWER RATING
DCA
7.3
Dynamic Performance
At recommended operating conditions at (25°C, 3.3V Power Supplies with 48kHz input data) unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
TAS5558 A-weighted (Test Range: 20Hz to 20kHz. fS =
Dynamic range
105
dB
96 kHz).
Total harmonic distortion
TAS5558 output (1kHz @ -1dBFS)
0.01%
32-kHz to 96-kHz sample rates (Test Range 20Hz -
±0.1
20kHz)
Frequency response
dB
176.4, 192-kHz sample rates (Test Range 20Hz -
±0.2
20kHz)
7.4
Recommended Operating Conditions
Over 0°C to 85°C
MIN
NOM
MAX
UNIT
Digital supply voltage, DVDD1 and DVDD2
3
3.3
3.6
V
Analog supply voltage, AVDD and AVDD_PWM
3
3.3
3.6
V
3.3 V
2
VIH
High-level input voltage
5-V tolerant(1)
2
V
1.8-V LVCMOS (XTL_IN)
1.26
3.3 V
0.8
VIL
Low-level input voltage
5-V tolerant(1)
0.8
V
1.8-V (XTL_IN)
0.54
TA
Operating ambient-air temperature range
0
25
85
°C
TJ
Operating junction temperature range
0
105
°C
(1)
5-V tolerant signals are SDA, SCL, RESET, PDN, MUTE, HP_SEL, SCLK, LRCLK, MCLK, SDIN1, SDIN2, SDIN3, and SDIN4
Copyright © 2013, Texas Instruments Incorporated
Electrical Specifications
49
Submit Documentation Feedback
Product Folder Links: TAS5558



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com