Electronic Components Datasheet Search
  English  ▼

X  

TAS5558 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5558
Description  8-Channel HD Compatible Audio Processor with ASRC and PWM Output
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5558 Datasheet(HTML) 2 Page - Texas Instruments

  TAS5558 Datasheet HTML 1Page - Texas Instruments TAS5558 Datasheet HTML 2Page - Texas Instruments TAS5558 Datasheet HTML 3Page - Texas Instruments TAS5558 Datasheet HTML 4Page - Texas Instruments TAS5558 Datasheet HTML 5Page - Texas Instruments TAS5558 Datasheet HTML 6Page - Texas Instruments TAS5558 Datasheet HTML 7Page - Texas Instruments TAS5558 Datasheet HTML 8Page - Texas Instruments TAS5558 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 122 page
background image
TAS5558
www.ti.com
SLES273A – APRIL 2013 – REVISED JUNE 2013
8-Channel HD Compatible Audio Processor with ASRC and PWM Output
Check for Samples: TAS5558
1
Introduction
1.1
Features
123
• General Features
• Audio Processing
– 8ch Asynchronous Sample Rate Converter
– Volume Control Range 18 dB to –127 dB
(Master and Eight Channel Volume)
– 8 Channel Audio Processing for 32-192 kHz
(ARSC to 96kHz)
– Bass and Treble Tone Controls With ±18-dB
Range, Selectable Corner Frequencies
– 4 Channel Native Audio Processing at
192kHZ
– Configurable Loudness Compensation
– 30 kHz Audio Bandwidth for DTS-HD
– Two Dynamic Range Compressors With Two
Compatibility
Thresholds, Two Offsets, and Three Slopes
– Energy Manager for Overall System Power
– Seven Biquads Per Channel
Control
– Coefficient Banking and Auto Bank Switch
– Power Supply Volume Control
• PWM Processing
• Audio Input or Output
– >105-dB Dynamic Range
– Up to Five Synchronous Serial Audio Inputs
– THD+N < 0.1% (0–40 kHz)
(10 Channels)
– 20-Hz–40-kHz, Flat Noise Floor for 32KHz -
– Up to One Synchronous Serial Audio
192KHz
Outputs (2 Channels)
– Flexible Automute Logic With Programmable
– Trimmed Internal Oscillator for Clock Auto
Threshold and Duration for Noise-Free
Detection and Limp Mode
Operation
– Slave Mode 32-192KHz With Auto/Manual
– Power-Supply Volume Control (PSVC) in
Sample Rate Detection
High-Performance Applications
– Eight Differential PWM Output That can
– Adjustable Modulation Limit
Support AD or BD Modulation
– Two Differential PWM Headphone Outputs
– I2S Out for External Wireless Sub
– PWM Output Supports Single Ended (S.E.) or
Bridge Tied Load (BTL)
1.2
APPLICATIONS
•
Interface Seamlessly with Most Digital Audio Decoders
1.3
DESCRIPTION
The TAS5558 is an 8 channel Digital Pulse Width Modulator (PWM) with Digital Audio Processing and
Sample Rate Converter that provides both advanced performance and a high level of system integration.
The TAS5558 is designed to interface seamlessly with most digital audio decoders. TAS5558 is designed
to support DTS-HD specification Blu-ray HTiB applications. The ASRC consists of two separate modules
which handle 4 channels each. Therefore, it is possible to support up to two different input sampling rates.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Matlab is a trademark of Math Works, Inc.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date. Products conform to
Copyright © 2013, Texas Instruments Incorporated
specifications per the terms of the Texas Instruments standard warranty. Production
processing does not necessarily include testing of all parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com