Electronic Components Datasheet Search
  English  ▼

X  

TAS5558 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5558
Description  8-Channel HD Compatible Audio Processor with ASRC and PWM Output
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5558 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TAS5558 Datasheet HTML 9Page - Texas Instruments TAS5558 Datasheet HTML 10Page - Texas Instruments TAS5558 Datasheet HTML 11Page - Texas Instruments TAS5558 Datasheet HTML 12Page - Texas Instruments TAS5558 Datasheet HTML 13Page - Texas Instruments TAS5558 Datasheet HTML 14Page - Texas Instruments TAS5558 Datasheet HTML 15Page - Texas Instruments TAS5558 Datasheet HTML 16Page - Texas Instruments TAS5558 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 122 page
background image
IP Mixer 1
(I2C 0x41 )
10 X 8
Crossbar
Input Mixer
A
H
G
F
E
D
C
B
I
J
SDIN1-L (L) (1)
SDIN1-R (R)
SDIN2-L (LS)
SDIN2-R (RS)
SDIN3-L (LBS)
SDIN3-R (RBS)
SDIN4-L (C)
SDIN4-R (LFE)
MIC-L-IN
MIC-R-IN
IP Mixer 2
(I2C 0x42 )
10 X 8
Crossbar
Input Mixer
A
H
G
F
E
D
C
B
I
J
SDIN1-L (L)
SDIN1-R (R) (1)
SDIN2-L (LS)
SDIN2-R (RS)
SDIN3-L (LBS)
SDIN3-R (RBS)
SDIN4-L (C)
SDIN4-R (LFE)
MIC-L-IN
MIC-R-IN
IP Mixer 3
(I2C 0x43 )
10 X 8
Crossbar
Input Mixer
A
H
G
F
E
D
C
B
I
J
SDIN1-L (L)
SDIN1-R (R)
SDIN2-L (LS) (1)
SDIN2-R (RS)
SDIN3-L (LBS)
SDIN3-R (RBS)
SDIN4-L (C)
SDIN4-R (LFE)
MIC-L-IN
MIC-R-IN
IP Mixer 4
(I2C 0x44 )
10 X 8
Crossbar
Input Mixer
A
H
G
F
E
D
C
B
I
J
SDIN1-L (L)
SDIN1-R (R)
SDIN2-L (LS)
SDIN2-R (RS) (1)
SDIN3-L (LBS)
SDIN3-R (RBS)
SDIN4-L (C)
SDIN4-R (LFE)
MIC-L-IN
MIC-R-IN
IP Mixer 5
(I2C 0x45 )
10 X 8
Crossbar
Input Mixer
A
H
G
F
E
D
C
B
I
J
SDIN1-L (L)
SDIN1-R (R)
SDIN2-L (LS)
SDIN2-R (RS)
SDIN3-L (LBS) (1)
SDIN3-R (RBS)
SDIN4-L (C)
SDIN4-R (LFE)
MIC-L-IN
MIC-R-IN
IP Mixer 6
(I2C 0x46 )
10 X 8
Crossbar
Input Mixer
A
H
G
F
E
D
C
B
I
J
SDIN1-L (L)
SDIN1-R (R)
SDIN2-L (LS)
SDIN2-R (RS)
SDIN3-L (LBS)
SDIN3-R (RBS) (1)
SDIN4-L (C)
SDIN4-R (LFE)
MIC-L-IN
MIC-R-IN
IP Mixer 7
(I2C 0x47 )
10 X 8
Crossbar
Input Mixer
A
H
G
F
E
D
C
B
I
J
SDIN1-L (L)
SDIN1-R (R)
SDIN2-L (LS)
SDIN2-R (RS)
SDIN3-L (LBS)
SDIN3-R (RBS)
SDIN4-L (C) (1)
SDIN4-R (LFE)
MIC-L-IN
MIC-R-IN
IP Mixer 8
(I2C 0x48 )
10 X 8
Crossbar
Input Mixer
A
H
G
F
E
D
C
B
I
J
SDIN1-L (L)
SDIN1-R (R)
SDIN2-L (LS)
SDIN2-R (RS)
SDIN3-L (LBS)
SDIN3-R (RBS)
SDIN4-L (C)
SDIN4-R (LFE) (1)
MIC-L-IN
MIC-R-IN
2 DAP 7
BQ
(0x82 -
0x83
2 DAP 7
BQ
(0x7B-
0x7C
Coeff =0 (lin), (I2C 0xXX)
Coeff=0 (lin),
(I2C 0x4C)
Coeff=1 (lin),
(I2C 0x50 )
Coeff=1 (lin),
(I2C 0x4D )
Coeff =0 (lin), (I2C 0x4B)
Coeff=0 (lin), (I2C 0x4E )
Coeff =0 (lin), (I2C 0x4A)
Coeff=0 (lin), (I2C 0x49 )
7 DAP 1
BQ
(0x51 -
0x57
7 DAP 2
BQ
(0x58 -
0x5E
7 DAP 3
BQ
(0x5F -
0x65
7 DAP 4
BQ
(0x66 -
0x6C
7 DAP 5
BQ
(0x6D-
0x73
7 DAP 6
BQ
(0x74 -
0x7A
5 DAP 7
BQ
(0x7D-
0x81
5 DAP 8
BQ
(0x84 -
0x88
Bass
Treble 1
BQ
(0xDA-
0xDD
Bass
Treble 2
BQ
(0xDA-
0xDD
Bass
Treble 3
BQ
(0xDA-
0xDD
Bass
Treble 4
BQ
(0xDA-
0xDD
Bass
Treble 5
BQ
(0xDA-
0xDD
Bass
Treble 6
BQ
(0xDA-
0xDD
Bass
Treble 7
BQ
(0xDA-
0xDD
Bass
Treble 8
BQ
(0xDA-
0xDD
Volume
1
0xD1
Volume
2
0xD2
Volume
3
0xD3
Loudnes
s 1
(0x91 -
0x95
OP Mixer 1
(I2C 0xAA)
8 × 2 Output
Mixer
Volume
4
0xD4
Volume
5
0xD5
Volume
6
0xD6
Volume
7
0xD7
Volume
8
0xD8
Loudnes
s 2
(0x91 -
0x95
Loudnes
s 3
(0x91 -
0x95
Loudnes
s 4
(0x91 -
0x95
Loudnes
s 5
(0x91 -
0x95
Loudnes
s 6
(0x91 -
0x95
Loudnes
s 7
(0x91 -
0x95
Loudnes
s 8
(0x91 -
0x95
DRC
1
(0x96 -
0x9C
DRC
1
(0x96 -
0x9C
DRC
1
(0x96 -
0x9C
DRC
1
(0x96 -
0x9C
DRC
1
(0x96 -
0x9C
DRC
1
(0x9D-
0xA1
DRC
1
(0xXX-
0xXX
DRC
2
(0xXX-
0xXX
OP Mixer 2
(I2C 0xAB)
8 × 2 Output
Mixer
OP Mixer 3
(I2C 0xAC)
8 × 2 Output
Mixer
OP Mixer 4
(I2C 0xAD)
8 × 2 Output
Mixer
OP Mixer 5
(I2C 0xAE)
8 × 2 Output
Mixer
OP Mixer 6
(I2C 0xAF)
8 × 2 Output
Mixer
OP Mixer 7
(I2C 0xB0)
8 × 3 Output
Mixer
OP Mixer 8
(I2C 0xB1)
8 × 3 Output
Mixer
Master Vol
(0xD9)
Max VOL
THD Management
xE9, xEA
L to PWM1
R to PWM2
LS to PWM3
RS to PWM4
LBS to PWM5
RBS to PWM6
C to PWM7
Sub to PWM8
TAS5558
www.ti.com
SLES273A – APRIL 2013 – REVISED JUNE 2013
3
TAS5558 DAP Architecture
3.1
TAS5558 DAP Architecture Diagrams
The TAS5558 defaults to processing audio data (post ASRC) at double rate.. In the TAS5558, this is also
set to 96kHz/88.2kHz based on the MCLK provided along with the I2S data. Additional support is provided
for native 192kHz support. 4ch of audio processing is available in 192kHz native processing mode.
Figure 3-1 shows the TAS5558 DAP architecture for fS ≤ 96 kHz. The bass management architecture is
shown in channels 1, 2, 7 and 8. The I2C registers are shown to help the designer configure the device.
Figure 3-2 shows the architecture for fS = 176.4 kHz or fS = 192 kHz. Note that only channels 1, 2, and 8
contain all the features. Channels 3–7 are pass-through except for volume controls.
Figure 3-3 shows TAS5558 detailed channel processing. The output mixer is 8×2 for channels 1–6 and
8×3 for channels 7 and 8.
(1)
Default inputs
Figure 3-1. TAS5558 DAP Architecture With I2C Registers (fS ≤ 96 kHz)
Copyright © 2013, Texas Instruments Incorporated
TAS5558 DAP Architecture
13
Submit Documentation Feedback
Product Folder Links: TAS5558



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com