Electronic Components Datasheet Search
  English  ▼

X  

TAS5558 Datasheet(PDF) 76 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5558
Description  8-Channel HD Compatible Audio Processor with ASRC and PWM Output
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5558 Datasheet(HTML) 76 Page - Texas Instruments

Back Button TAS5558 Datasheet HTML 72Page - Texas Instruments TAS5558 Datasheet HTML 73Page - Texas Instruments TAS5558 Datasheet HTML 74Page - Texas Instruments TAS5558 Datasheet HTML 75Page - Texas Instruments TAS5558 Datasheet HTML 76Page - Texas Instruments TAS5558 Datasheet HTML 77Page - Texas Instruments TAS5558 Datasheet HTML 78Page - Texas Instruments TAS5558 Datasheet HTML 79Page - Texas Instruments TAS5558 Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 122 page
background image
TAS5558
SLES273A – APRIL 2013 – REVISED JUNE 2013
www.ti.com
11
Serial-Control Interface Register Definitions
Unless otherwise noted, the I2C register default values are in bold font.
Note that u indicates unused/reserved bits.
11.1 Clock Control Register (0x00)
Table 11-1. Clock Control Register Format
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
0
0
–
–
–
–
–
32 kHz data rate
0
1
0
–
–
–
–
–
44.1 kHz data rate
0
1
1
–
–
–
–
–
48 kHz data rate
1
0
0
–
–
–
–
–
88.2 kHz data rate
1
0
1
–
–
–
–
–
96 kHz data rate
1
1
0
–
–
–
–
–
176.4 kHz data rate
1
1
1
–
–
–
–
–
192 kHz data rate
–
–
–
–
–
–
–
–
–
–
–
0
0
0
MCLK frequency = 64
–
–
–
0
0
1
MCLK frequency = 128
–
–
–
0
1
0
MCLK frequency = 192
–
–
–
0
1
1
MCLK frequency = 256
–
–
–
1
0
0
MCLK frequency = 384
–
–
–
1
0
1
MCLK frequency = 512
–
–
–
1
1
0
MCLK frequency = 768
–
–
–
1
1
1
Reserved
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
1
Clock register is valid (read-only)
–
–
–
–
–
–
0
0
Clock register is not valid (read-only)
11.2 General Status Register 0 (0x01)
Table 11-2. General Status Register Format
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
0
0
0
0
1
0
0
Identification code for TAS5558
76
Serial-Control Interface Register Definitions
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TAS5558



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com