Electronic Components Datasheet Search
  English  ▼

X  

TAS5558 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5558
Description  8-Channel HD Compatible Audio Processor with ASRC and PWM Output
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5558 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TAS5558 Datasheet HTML 2Page - Texas Instruments TAS5558 Datasheet HTML 3Page - Texas Instruments TAS5558 Datasheet HTML 4Page - Texas Instruments TAS5558 Datasheet HTML 5Page - Texas Instruments TAS5558 Datasheet HTML 6Page - Texas Instruments TAS5558 Datasheet HTML 7Page - Texas Instruments TAS5558 Datasheet HTML 8Page - Texas Instruments TAS5558 Datasheet HTML 9Page - Texas Instruments TAS5558 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 122 page
background image
TAS5558
SLES273A – APRIL 2013 – REVISED JUNE 2013
www.ti.com
PIN
5-V
TYPE(1)
TERMINATION(2)
DESCRIPTION
TOLERANT
NAME
NO.
PWM_P_2
41
DO
PWM 2 output (differential +)
PWM_P_3
43
DO
PWM 3 output (differential +)
PWM_P_4
45
DO
PWM 4 output (differential +)
PWM_P_5
54
DO
PWM 5 output (lineout L) (differential +)
PWM_P_6
56
DO
PWM 6 output (lineout R) (differential +)
PWM_P_7
47
DO
PWM 7 output (differential +)
PWM_P_8
49
DO
PWM 8 output (differential +)
RESET
16
DI
5 V
Pullup
System reset input, active-low. A system reset is generated by applying a logic
low to this terminal. RESET is an asynchronous control signal that restores the
TAS5558 to its default conditions, sets the valid output low, and places the
PWM in the hard-mute state (Non PWM Switching). Master volume is
immediately set to full attenuation. On the release of RESET, if PDN is high, the
system performs a 4- to 5-ms device initialization and sets the volume at mute.
SCL
21
DI
5 V
I2C serial-control clock input/output
SCLK
23
DI
5 V
Pulldown
Serial-audio data clock (shift clock) input
SCLKO /
30
DIO
5V
Pulldown
Serial data clock out. I2S bit clock out. Can also be used as SCLKIN_2 (I2S
SCLKIN_2
Input for SDIN2_x and SRC Bank 2)
SDA
20
DIO
5 V
I2C serial-control data-interface input/output
SDIN1
24
DI
5 V
Pulldown
Serial-audio data bank 1 input 1 is one of the serial-data input ports and goes
into the 1st SRC Bank. Four discrete (stereo) data formats and is capable of
inputting data at 64 fS.
SDIN2
25
DI
5 V
Pulldown
Serial-audio data bank 1 input 2 is one of the serial-data input ports and goes
into the 1st SRC Bank. Four discrete (stereo) data formats and is capable of
inputting data at 64 fS.
SDIN2-1
26
DI
5 V
Pulldown
Serial-audio data bank 2 input 1 is one of the serial-data input ports and goes
into the 2nd SRC Bank. Four discrete (stereo) data formats and is capable of
inputting data at 64 fS.
SDIN2-2
27
DI
5 V
Pulldown
Serial-audio data bank 2 input 2 is one of the serial-data input ports and goes
into the 2nd SRC Bank. Four discrete (stereo) data formats and is capable of
inputting data at 64 fS.
SDOUT / SDIN5
29
I2S data out or SDIN5 (must be sync'd to post SRC rate). Usually used for
Microphone ADC Input
TEST
32
DI
Test mode active high. In normal mode tie this to digital ground.
VALID
37
DO
Output indicating validity of PWM outputs, active-high
VR_DIG
28
P
Voltage reference for 1.8-V digital core supply. A pinout of the internally
regulated 1.8-V power used by digital core logic. A 4.7-
μF low-ESR capacitor(3)
should be connected between this terminal and DVSS. This terminal must not
be used to power external devices.
VR_PWM
52
P
Voltage reference for 1.8-V digital PLL supply. A pinout of the internally
regulated 1.8-V power used by digital PLL logic. A 0.1-
μF low-ESR capacitor(3)
should be connected between this terminal and DVSS_CORE. This terminal
must not be used to power external devices.
VR_ANA
8
P
(3)
If desired, low-ESR capacitance values can be implemented by paralleling two or more ceramic capacitors of equal value. Paralleling
capacitors of equal value provides an extended high-frequency supply decoupling. This approach avoids the potential of producing
parallel resonance circuits that have been observed when paralleling capacitors of different values.
6
Device Information
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TAS5558



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com